Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0878030152 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 0878030152
Description  1.00mm (.039) Pitch DDR2 DIMM Socket, Through Hole, 25째 Angle, 0.76關m (30關) Gold (Au), 4.00mm (0.157) Soldertail, 240 Circuits, Lead free
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0878030152 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  0878030152 Datasheet HTML 1Page - Molex Electronics Ltd. 0878030152 Datasheet HTML 2Page - Molex Electronics Ltd. 0878030152 Datasheet HTML 3Page - Molex Electronics Ltd. 0878030152 Datasheet HTML 4Page - Molex Electronics Ltd. 0878030152 Datasheet HTML 5Page - Molex Electronics Ltd. 0878030152 Datasheet HTML 6Page - Molex Electronics Ltd. 0878030152 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image


Similar Part No. - 0878030152

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878030152 MOLEX11-0878030152 Datasheet
33Kb / 2P
   1.00mm Pitch DDR2 DIMM Socket, Through Hole
More results

Similar Description - 0878030152

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877751101 MOLEX10-0877751101 Datasheet
469Kb / 8P
   1.00mm (.039) Pitch DDR2 DIMM Socket, Through Hole, 0.76關m (30關) Gold (Au), 4.00mm (0.157) Soldertail, 276 Circuits, Lead free
0878030132 MOLEX10-0878030132 Datasheet
361Kb / 7P
   1.00mm (.039) Pitch DDR2 DIMM Socket, Through Hole, 25째 Angle, 0.76關m (30關) Gold (Au), 3.18mm (0.125) Soldertail, 240 Circuits, Lead free
0877751001 MOLEX10-0877751001 Datasheet
468Kb / 8P
   1.00mm (.039) Pitch DDR2 DIMM Socket, Through Hole, 0.76關m (30關) Gold (Au), 2.67mm (0.109) Soldertail, 276 Circuits, Lead free
0877751011 MOLEX10-0877751011 Datasheet
469Kb / 8P
   1.00mm (.039) Pitch DDR2 DIMM Socket, Through Hole, 0.76關m (30關) Gold (Au), 3.18mm (0.125) Soldertail, 276 Circuits, Lead free
0879660002 MOLEX10-0879660002 Datasheet
399Kb / 7P
   1.00mm (.039) Pitch DDR2 DIMM Socket, SMT, 0.76關m (30關) Gold (Au), 240 Circuit, Lead free
0780610011 MOLEX9-0780610011 Datasheet
373Kb / 7P
   1.00mm (.039") Pitch Fully Buffered DIMM Socket, Vertical, Through Hole, 0.76關m (30關") Gold(Au) Selective Plating, 240 Circuits
0879160011 MOLEX10-0879160011 Datasheet
318Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 22.5 Degree Angle, Through Hole, 240 Circuits, 1.8V Voltage Key, 0.76關m (30關) Gold (Au) Plating
0879160111 MOLEX10-0879160111 Datasheet
318Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 22.5 Degree Angle, Through Hole, 240 Circuits, 1.8V Voltage Key, 0.76關m (30關) Gold (Au) Plating, 4.00mm (.157) Tail Length
0879160001 MOLEX10-0879160001 Datasheet
318Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 22.5 Degree Angle, Through Hole, 240 Circuits, 1.8V Voltage Key, 0.76關m (30關) Gold (Au) Plating
0780790211 MOLEX9-0780790211 Datasheet
822Kb / 10P
   1.00mm (.039") Pitch DDR3 DIMM Socket, Vertical, Through Hole, with Beveled Metal Pins, Blue Housing and Off-White Latches, 0.76關m (30關") Gold (Au) Plating2.67mm(.105") Soldertail, 240 Circuits, Lead free
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com