Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

885235802 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 885235802
Description  FC-to-FC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

885235802 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  885235802 Datasheet HTML 1Page - Molex Electronics Ltd. 885235802 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 885235802

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
885235800 MOLEX10-885235800 Datasheet
96Kb / 2P
   FC-to-FC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
885235801 MOLEX10-885235801 Datasheet
96Kb / 2P
   FC-to-FC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
885235803 MOLEX10-885235803 Datasheet
96Kb / 2P
   FC-to-FC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
885235804 MOLEX10-885235804 Datasheet
96Kb / 2P
   FC-to-FC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 10.0m (32.81)
885235806 MOLEX10-885235806 Datasheet
96Kb / 2P
   FC-to-FC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 20.0m (65.62)
More results

Similar Description - 885235802

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0885273501 MOLEX10-0885273501 Datasheet
81Kb / 2P
   FC-to-ST, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
0885276301 MOLEX10-0885276301 Datasheet
94Kb / 2P
   FC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
0885271601 MOLEX10-0885271601 Datasheet
82Kb / 2P
   FC-to-FC, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
0885235803 MOLEX10-0885235803 Datasheet
96Kb / 2P
   FC-to-FC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
0885235849 MOLEX10-0885235849 Datasheet
96Kb / 2P
   FC-to-FC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 50.0m (164.04)
0885235839 MOLEX10-0885235839 Datasheet
96Kb / 2P
   FC-to-FC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 40.0m (131.20)
0885235804 MOLEX10-0885235804 Datasheet
96Kb / 2P
   FC-to-FC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 10.0m (32.81)
0885235801 MOLEX10-0885235801 Datasheet
96Kb / 2P
   FC-to-FC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
0885235806 MOLEX10-0885235806 Datasheet
96Kb / 2P
   FC-to-FC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 20.0m (65.62)
0885235800 MOLEX10-0885235800 Datasheet
96Kb / 2P
   FC-to-FC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com