Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0877594851 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0877594851
Description  2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 48 Circuits, 0.38關m (30關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Lead-free
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0877594851 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0877594851 Datasheet HTML 1Page - Molex Electronics Ltd. 0877594851 Datasheet HTML 2Page - Molex Electronics Ltd. 0877594851 Datasheet HTML 3Page - Molex Electronics Ltd. 0877594851 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical
Current - Maximum per Contact
2A
Voltage - Maximum
125V
Solder Process Data
Lead-free Process Capability
Reflow Capable (SMT only)
Process Temperature max. C
250
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-89990-475
Product Specification
PS-87761-100
Sales Drawing
SD-87759-113
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0877594851

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877594850 MOLEX10-0877594850 Datasheet
186Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 48 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, with Press-fit Plastic Pegs, Lead-free
More results

Similar Description - 0877594851

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877593051 MOLEX10-0877593051 Datasheet
186Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 30 Circuits, 0.38關m (30關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Lead-free
0877594814 MOLEX10-0877594814 Datasheet
431Kb / 8P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 48 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Lead-free
0877594815 MOLEX10-0877594815 Datasheet
291Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 48 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Lead-free
0877594051 MOLEX10-0877594051 Datasheet
186Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 40 Circuits, 0.38關m (30關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Lead-free
0877594251 MOLEX10-0877594251 Datasheet
186Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 42 Circuits, 0.38關m (30關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Lead-free
0877591851 MOLEX10-0877591851 Datasheet
186Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 18 Circuits, 0.38關m (30關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Lead-free
0877593014 MOLEX10-0877593014 Datasheet
431Kb / 8P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 30 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Lead-free
0877592451 MOLEX10-0877592451 Datasheet
186Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 24 Circuits, 0.38關m (30關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Lead-free
0877592851 MOLEX10-0877592851 Datasheet
186Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 28 Circuits, 0.38關m (30關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Lead-free
0877593451 MOLEX10-0877593451 Datasheet
186Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 34 Circuits, 0.38關m (30關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Lead-free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com