Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0879335031 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0879335031
Description  1.27mm (.050) Pitch Wire-to-Board Header, Dual Row, SMT, Vertical, 50 Circuits, 0.38關m (15關) Gold (Au) Plating, Mating Pin Length 3.05mm (0.120)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0879335031 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0879335031 Datasheet HTML 1Page - Molex Electronics Ltd. 0879335031 Datasheet HTML 2Page - Molex Electronics Ltd. 0879335031 Datasheet HTML 3Page - Molex Electronics Ltd. 0879335031 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Current - Maximum per Contact
1.75A
Voltage - Maximum
125V
Solder Process Data
Duration at Max. Process Temperature (seconds)
14
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
3
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-87933-032
This document was generated on 04/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0879335031

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879331007 MOLEX10-0879331007 Datasheet
355Kb / 7P
   1.27mm (.050) Pitch Wire-to-Board Header, Dual Row, SMT, Vertical, 10 Circuits, 0.05關m (2關) Gold (Au) Plating, Mating Pin Length 1.65mm (0.065), with Cap
0879331211 MOLEX10-0879331211 Datasheet
355Kb / 7P
   1.27mm (.050) Pitch Wire-to-Board Header, Dual Row, SMT, Vertical, 100 Circuits, 0.38關m (15關) Gold (Au) Plating, Mating Pin Length 1.65mm (0.065), with Cap
0879331215 MOLEX10-0879331215 Datasheet
355Kb / 7P
   1.27mm (.050) Pitch Wire-to-Board Header, Dual Row, SMT, Vertical, 100 Circuits, 0.05關m (2關) Gold (Au) Plating, Mating Pin Length 3.05mm (0.120), with Cap
0879331217 MOLEX10-0879331217 Datasheet
355Kb / 7P
   1.27mm (.050) Pitch Wire-to-Board Header, Dual Row, SMT, Vertical, 100 Circuits, 0.76關m (30關) Gold (Au) Plating, Mating Pin Length 3.05mm (0.120), with Cap
0879333015 MOLEX10-0879333015 Datasheet
355Kb / 7P
   1.27mm (.050) Pitch Wire-to-Board Header, Dual Row, SMT, Vertical, 30 Circuits, 0.05關m (2關) Gold (Au) Plating, Mating Pin Length 3.05mm (0.120), with Cap
More results

Similar Description - 0879335031

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879333015 MOLEX10-0879333015 Datasheet
355Kb / 7P
   1.27mm (.050) Pitch Wire-to-Board Header, Dual Row, SMT, Vertical, 30 Circuits, 0.05關m (2關) Gold (Au) Plating, Mating Pin Length 3.05mm (0.120), with Cap
0879331217 MOLEX10-0879331217 Datasheet
355Kb / 7P
   1.27mm (.050) Pitch Wire-to-Board Header, Dual Row, SMT, Vertical, 100 Circuits, 0.76關m (30關) Gold (Au) Plating, Mating Pin Length 3.05mm (0.120), with Cap
0879331215 MOLEX10-0879331215 Datasheet
355Kb / 7P
   1.27mm (.050) Pitch Wire-to-Board Header, Dual Row, SMT, Vertical, 100 Circuits, 0.05關m (2關) Gold (Au) Plating, Mating Pin Length 3.05mm (0.120), with Cap
0879331211 MOLEX10-0879331211 Datasheet
355Kb / 7P
   1.27mm (.050) Pitch Wire-to-Board Header, Dual Row, SMT, Vertical, 100 Circuits, 0.38關m (15關) Gold (Au) Plating, Mating Pin Length 1.65mm (0.065), with Cap
0879331007 MOLEX10-0879331007 Datasheet
355Kb / 7P
   1.27mm (.050) Pitch Wire-to-Board Header, Dual Row, SMT, Vertical, 10 Circuits, 0.05關m (2關) Gold (Au) Plating, Mating Pin Length 1.65mm (0.065), with Cap
22-28-4154 MOLEX11-22-28-4154 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 15 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 8.13mm
22-28-4153 MOLEX11-22-28-4153 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 15 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.09mm
22-28-4155 MOLEX11-22-28-4155 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 15 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 7.49mm
0022284153 MOLEX2-0022284153 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 15 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240)
0022284155 MOLEX2-0022284155 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 15 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 7.49mm (.295)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com