Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0879781021 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0879781021
Description  1.00mm (.039) Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins, Very Low Profile Black Latches, 240 Circuits, 1.8V Center Voltage Key
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0879781021 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0879781021 Datasheet HTML 1Page - Molex Electronics Ltd. 0879781021 Datasheet HTML 2Page - Molex Electronics Ltd. 0879781021 Datasheet HTML 3Page - Molex Electronics Ltd. 0879781021 Datasheet HTML 4Page - Molex Electronics Ltd. 0879781021 Datasheet HTML 5Page - Molex Electronics Ltd. 0879781021 Datasheet HTML 6Page - Molex Electronics Ltd. 0879781021 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0879781021
Status:
Active
Description:
1.00mm (.039") Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins, Very
Low Profile Black Latches, 240 Circuits, 1.8V Center Voltage Key, 3.18mm (.125") Tail
Length, 0.38µm (15µ") Gold (Au) Plating, Lead-free
Documents:
3D Model
Product Specification PS-87978-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Memory Module Sockets
Series
87978
Comments
<LI> Latches in Black Color
Component Type
Memory Module
JEDEC Outline
N/A
Product Name
DDR2 DIMM
Physical
Circuits (Loaded)
240
Color - Resin
Black
Durability (mating cycles max)
25
Entry Angle
Vertical (Top Entry)
Flammability
94V-0
Keying to Mating Part
Yes
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
PC Tail Length (in)
0.125 In
PC Tail Length (mm)
3.18 mm
PCB Retention
Yes
PCB Thickness Recommended (in)
0.093 In
PCB Thickness Recommended (mm)
2.40 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
1.00 mm
Plating min: Mating (µin)
15.2
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
101.6
Plating min: Termination (µm)
2.54
Temperature Range - Operating
-10°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
30V
Voltage Key
1.8V, Center
Solder Process Data
Duration at Max. Process Temperature (seconds)
10
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87978Series
Mates With
JEDEC standard 1.27mm modules


Similar Part No. - 0879781021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879781021 MOLEX11-0879781021 Datasheet
28Kb / 2P
   1.00mm Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins,
More results

Similar Description - 0879781021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879781051 MOLEX10-0879781051 Datasheet
401Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins, Very Low Profile Black Latches, 240 Circuits, 1.8V Center Voltage Key
0879780021 MOLEX10-0879780021 Datasheet
401Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins, Very Low Profile Black Latches, 240 Circuits, 1.8V Center Voltage Key, 2.67mm (.105) Tail
0879781031 MOLEX10-0879781031 Datasheet
401Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins, Very Low Profile Black Latches, 240 Circuits, 1.8V Center Voltage Key, 3.18mm (.125) Tail
0879780051 MOLEX10-0879780051 Datasheet
401Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins, Very Low Profile Black Latches, 240 Circuits, 1.8V Center Voltage Key, 2.67mm (.105) Tail Length
0879780031 MOLEX10-0879780031 Datasheet
401Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins, Very Low Profile Black Latches, 240 Circuits, 1.8V Center Voltage Key, 2.67mm (.105) Tail Length
0879780021 MOLEX11-0879780021 Datasheet
28Kb / 2P
   1.00mm Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins
0879781021 MOLEX11-0879781021 Datasheet
28Kb / 2P
   1.00mm Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins,
0879780031 MOLEX11-0879780031 Datasheet
28Kb / 2P
   1.00mm Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins,
0879780051 MOLEX11-0879780051 Datasheet
28Kb / 2P
   1.00mm Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins
0879781031 MOLEX11-0879781031 Datasheet
28Kb / 2P
   1.00mm Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com