Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87933-1217 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 87933-1217
Description  1.27mm (.050) Pitch Wire-to-Board Header, Dual Row, SMT, Vertical, 100 Circuits, 0.76關m (30關) Gold (Au) Plating, Mating Pin Length 3.05mm (0.120), with Cap
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

87933-1217 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  87933-1217 Datasheet HTML 1Page - Molex Electronics Ltd. 87933-1217 Datasheet HTML 2Page - Molex Electronics Ltd. 87933-1217 Datasheet HTML 3Page - Molex Electronics Ltd. 87933-1217 Datasheet HTML 4Page - Molex Electronics Ltd. 87933-1217 Datasheet HTML 5Page - Molex Electronics Ltd. 87933-1217 Datasheet HTML 6Page - Molex Electronics Ltd. 87933-1217 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image


Similar Part No. - 87933-1217

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87933-1211 MOLEX10-87933-1211 Datasheet
355Kb / 7P
   1.27mm (.050) Pitch Wire-to-Board Header, Dual Row, SMT, Vertical, 100 Circuits, 0.38關m (15關) Gold (Au) Plating, Mating Pin Length 1.65mm (0.065), with Cap
87933-1215 MOLEX10-87933-1215 Datasheet
355Kb / 7P
   1.27mm (.050) Pitch Wire-to-Board Header, Dual Row, SMT, Vertical, 100 Circuits, 0.05關m (2關) Gold (Au) Plating, Mating Pin Length 3.05mm (0.120), with Cap
More results

Similar Description - 87933-1217

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879333015 MOLEX10-0879333015 Datasheet
355Kb / 7P
   1.27mm (.050) Pitch Wire-to-Board Header, Dual Row, SMT, Vertical, 30 Circuits, 0.05關m (2關) Gold (Au) Plating, Mating Pin Length 3.05mm (0.120), with Cap
0879331215 MOLEX10-0879331215 Datasheet
355Kb / 7P
   1.27mm (.050) Pitch Wire-to-Board Header, Dual Row, SMT, Vertical, 100 Circuits, 0.05關m (2關) Gold (Au) Plating, Mating Pin Length 3.05mm (0.120), with Cap
0879335031 MOLEX10-0879335031 Datasheet
174Kb / 4P
   1.27mm (.050) Pitch Wire-to-Board Header, Dual Row, SMT, Vertical, 50 Circuits, 0.38關m (15關) Gold (Au) Plating, Mating Pin Length 3.05mm (0.120)
0879331211 MOLEX10-0879331211 Datasheet
355Kb / 7P
   1.27mm (.050) Pitch Wire-to-Board Header, Dual Row, SMT, Vertical, 100 Circuits, 0.38關m (15關) Gold (Au) Plating, Mating Pin Length 1.65mm (0.065), with Cap
0879331007 MOLEX10-0879331007 Datasheet
355Kb / 7P
   1.27mm (.050) Pitch Wire-to-Board Header, Dual Row, SMT, Vertical, 10 Circuits, 0.05關m (2關) Gold (Au) Plating, Mating Pin Length 1.65mm (0.065), with Cap
0022284037 MOLEX2-0022284037 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 3 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320)
0022284056 MOLEX2-0022284056 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 5 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240)
0022284026 MOLEX2-0022284026 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 2 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240)
0022285026 MOLEX2-0022285026 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 2 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240)
0022284077 MOLEX2-0022284077 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 7 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com