Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0887418520 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0887418520
Description  MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Digital-to-P&D-Digital, Black, 5.0m (16.40) Length
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0887418520 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0887418520 Datasheet HTML 1Page - Molex Electronics Ltd. 0887418520 Datasheet HTML 2Page - Molex Electronics Ltd. 0887418520 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


Similar Part No. - 0887418520

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0887418500 MOLEX10-0887418500 Datasheet
181Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Digital-to-P&D-Digital, Black, 2.0m (6.56) Length
0887418510 MOLEX10-0887418510 Datasheet
181Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Digital-to-P&D-Digital, Black, 3.0m (9.84) Length
More results

Similar Description - 0887418520

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0887418620 MOLEX10-0887418620 Datasheet
139Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Digital-to-DFP, Black, 5.0m (16.40) Length
0887418120 MOLEX10-0887418120 Datasheet
175Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Digital-to-DVI-Digital, Dual Link TMDS, Black, 5.0m (16.40) Length
0887418420 MOLEX10-0887418420 Datasheet
184Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Analog to P&D-Analog, Black, 5.0m (16.40) Length
0887418220 MOLEX10-0887418220 Datasheet
177Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Analog to DVI-Analog, 5.0m (16.40) Length
0887418320 MOLEX10-0887418320 Datasheet
180Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Analog to VGA, Black, 5.0m (16.40) Length
0887418020 MOLEX10-0887418020 Datasheet
182Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Digital-to- DVI-Digital, Single Link TMDS, Black, 5.0m Length
0887419020 MOLEX10-0887419020 Datasheet
146Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Digital/ Analog-to-DVI-Digital/Analog, Single Link TMDS, Black, 5.0m (16.40) Length
0887418510 MOLEX10-0887418510 Datasheet
181Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Digital-to-P&D-Digital, Black, 3.0m (9.84) Length
0887418500 MOLEX10-0887418500 Datasheet
181Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Digital-to-P&D-Digital, Black, 2.0m (6.56) Length
0887418900 MOLEX10-0887418900 Datasheet
182Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Adapter, DVI-Digital Plug to P&D-Digital Receptacle
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com