Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1051321001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 1051321001
Description  Combo External Serial ATA and USB Receptacles
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1051321001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  1051321001 Datasheet HTML 1Page - Molex Electronics Ltd. 1051321001 Datasheet HTML 2Page - Molex Electronics Ltd. 1051321001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Current - Maximum per Contact
1.5A
Grounding to Panel
Yes
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
15V DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-105132-100
Sales Drawing
SD-105132-100
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1051321001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1051321000 MOLEX11-1051321000 Datasheet
150Kb / 3P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through hole, Top Mount, Sink type, Lead free
1051321002 MOLEX11-1051321002 Datasheet
150Kb / 3P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through hole, Top Mount, Sink type
More results

Similar Description - 1051321001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1051271002 MOLEX11-1051271002 Datasheet
163Kb / 3P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through hole, Bottom mount
1051271001 MOLEX11-1051271001 Datasheet
163Kb / 3P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through hole, Bottom mount
1051301001 MOLEX11-1051301001 Datasheet
218Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole
1051312001 MOLEX11-1051312001 Datasheet
202Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole
1051312002 MOLEX11-1051312002 Datasheet
202Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole type
1051301002 MOLEX11-1051301002 Datasheet
218Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole type
1051311000 MOLEX11-1051311000 Datasheet
202Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Hole, with SMT type
1051321002 MOLEX11-1051321002 Datasheet
150Kb / 3P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through hole, Top Mount, Sink type
1051271000 MOLEX11-1051271000 Datasheet
163Kb / 3P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through hole, Bottom mount, Sink type
0474036001 MOLEX6-0474036001 Datasheet
220Kb / 4P
   Combo External Serial ATA and USB Receptacles, Reverse Type, Through Hole, Right Angle, with Through
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com