Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

90858-0057 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 90858-0057
Description  5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 2 Circuits, Reference K12
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

90858-0057 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  90858-0057 Datasheet HTML 1Page - Molex Electronics Ltd. 90858-0057 Datasheet HTML 2Page - Molex Electronics Ltd. 90858-0057 Datasheet HTML 3Page - Molex Electronics Ltd. 90858-0057 Datasheet HTML 4Page - Molex Electronics Ltd. 90858-0057 Datasheet HTML 5Page - Molex Electronics Ltd. 90858-0057 Datasheet HTML 6Page - Molex Electronics Ltd. 90858-0057 Datasheet HTML 7Page - Molex Electronics Ltd. 90858-0057 Datasheet HTML 8Page - Molex Electronics Ltd. 90858-0057 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-90858-001
Product Specification
PS-99020-0037
Sales Drawing
SD-90858-001
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 90858-0057

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90858-0054 MOLEX11-90858-0054 Datasheet
1Mb / 9P
   5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 2 Circuits, Reference K15
90858-0055 MOLEX11-90858-0055 Datasheet
1Mb / 9P
   5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 2 Circuits, Reference K40
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com