Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

91999-0529 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 91999-0529
Description  5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 3 Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

91999-0529 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  91999-0529 Datasheet HTML 1Page - Molex Electronics Ltd. 91999-0529 Datasheet HTML 2Page - Molex Electronics Ltd. 91999-0529 Datasheet HTML 3Page - Molex Electronics Ltd. 91999-0529 Datasheet HTML 4Page - Molex Electronics Ltd. 91999-0529 Datasheet HTML 5Page - Molex Electronics Ltd. 91999-0529 Datasheet HTML 6Page - Molex Electronics Ltd. 91999-0529 Datasheet HTML 7Page - Molex Electronics Ltd. 91999-0529 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0919990529
Status:
Active
Overview:
rast_5_connector_system
Description:
5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 3 Circuits, No Reference,
Tin (Sn) Plating, Glow Wire Compatible
Documents:
3D Model
Product Specification PS-99020-0037 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
91999
Application
Wire-to-Board
Overview
rast_5_connector_system
Product Name
RAST 5
Physical
Breakaway
No
Circuits (Loaded)
3
Circuits (maximum)
3
Color - Resin
Natural
Durability (mating cycles max)
10
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
Yes
Guide to Mating Part
No
Keying to Mating Part
Yes
Lock to Mating Part
No
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Resin
Nylon
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.154 In
PC Tail Length (mm)
3.90 mm
PCB Locator
Yes
PCB Retention
None
PCB Thickness Recommended (in)
0.055 In
PCB Thickness Recommended (mm)
1.40 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.197 In
Pitch - Mating Interface (mm)
5.00 mm
Plating min: Mating (µin)
200
Plating min: Mating (µm)
5
Polarized to PCB
Yes
Robotic Placement
None
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-20C TO +120C
Termination Interface: Style
Through Hole
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
91999Series


Similar Part No. - 91999-0529

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
91999-0511 MOLEX11-91999-0511 Datasheet
853Kb / 8P
   5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 3 Circuits, Reference K05, Tin (Sn) Plating
91999-0530 MOLEX11-91999-0530 Datasheet
853Kb / 8P
   5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 3 Circuits, Reference K145, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com