Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0956224883 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0956224883
Description  Modular Jack, Right Angle, Fully Shielded, SMT, 8/8
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0956224883 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0956224883 Datasheet HTML 1Page - Molex Electronics Ltd. 0956224883 Datasheet HTML 2Page - Molex Electronics Ltd. 0956224883 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0956224883
Status:
Active
Overview:
modular_plugs_jacks
Description:
Modular Jack, Right Angle, Fully Shielded, SMT, 8/8
Documents:
3D Model
Product Specification PS-95622-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification (PDF)
Agency Certification
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
95622
Component Type
PCB Jack
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
3
Power over Ethernet (PoE)
N/A
Product Name
RJ45
Physical
Boot Color
N/A
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Inverted / Top Latch
No
Keying to Mating Part
None
Lightpipes/LEDs
None
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Orientation
Right Angle (Side Entry)
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.040 In
Pitch - Mating Interface (mm)
1.02 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
50.8
Plating min: Mating (µm)
1.27
Plating min: Termination (µin)
76
Plating min: Termination (µm)
1.9
Ports
1
Positions / Loaded Contacts
8/8
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +80°C
Termination Interface: Style
Surface Mount
Waterproof / Dustproof
No
Wire/Cable Type
N/A
Electrical
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
95622Series
Mates With
FCC 68 Plugs


Similar Part No. - 0956224883

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0956224881 MOLEX11-0956224881 Datasheet
127Kb / 3P
   Modular Jack, Right Angle, Fully Shielded, SMT, 8/8
0956224882 MOLEX11-0956224882 Datasheet
124Kb / 3P
   Modular Jack, Right Angle, Fully Shielded, SMT, 8/8, Additional Panel Grounding
0956224884 MOLEX11-0956224884 Datasheet
105Kb / 3P
   Modular Jack, Right Angle, Fully Shielded, SMT, 8/8, Additional Panel Grounding
More results

Similar Description - 0956224883

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0956224881 MOLEX11-0956224881 Datasheet
127Kb / 3P
   Modular Jack, Right Angle, Fully Shielded, SMT, 8/8
0855435001 MOLEX9-0855435001 Datasheet
122Kb / 3P
   Modular Jack, Right Angle, Fully Shielded, SMT, 8 Circuits
0956224882 MOLEX11-0956224882 Datasheet
124Kb / 3P
   Modular Jack, Right Angle, Fully Shielded, SMT, 8/8, Additional Panel Grounding
0956224884 MOLEX11-0956224884 Datasheet
105Kb / 3P
   Modular Jack, Right Angle, Fully Shielded, SMT, 8/8, Additional Panel Grounding
0442821004 MOLEX6-0442821004 Datasheet
216Kb / 4P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
0855425001 MOLEX9-0855425001 Datasheet
129Kb / 3P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
0442820010 MOLEX6-0442820010 Datasheet
216Kb / 4P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
0442820001 MOLEX6-0442820001 Datasheet
216Kb / 4P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
0442820007 MOLEX6-0442820007 Datasheet
216Kb / 4P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
0442820004 MOLEX6-0442820004 Datasheet
216Kb / 4P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com