Electronic Components Datasheet Search |
|
DND20A-M020 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
DND20A-M020 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 06/02/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 1300270049 Status: Active Overview: devicenet_industrial_networks Description: DeviceNet* Cable Plus Drain, Single Ended Micro-Change® Cordsets, Straight Female, Length 2.0m (6.56' ) Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR6837 UL E152210 General Product Family Industrial Cordsets Series 130027 Connector End A Micro-Change® (M12) Connector End B Pigtail IP Rating IP67 Overview devicenet_industrial_networks Product Name DeviceNet* Trunk Type Single Ended Physical Cable Diameter 12.10mm (.480") Cable Length 2.0m (6.56' ) Color - Cable Jacket Gray Coupling Style Threaded Gender Female-Pigtail Keyway Single LED Indicator No Material - Cable Jacket PVC Material - Connector Body PVC Material - Contact Copper Material - Coupling Nut Die-Cast Zinc Material - Plating Mating Gold Orientation Straight Poles 5 Temperature Range - Operating -20°C to +80°C Wire Size AWG 22 Wire/Cable Type Shielded-Twisted Pair Electrical Current - Maximum per Contact 4A Voltage - Maximum 250V AC/DC Material Info Old Part Number DND20A-M020 Reference - Drawing Numbers Sales Drawing SD-130027-007 *DeviceNet is a trademark of the ODVA Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 130027Series This document was generated on 06/02/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Similar Part No. - DND20A-M020 |
|
Similar Description - DND20A-M020 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |