Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1120205017 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 1120205017
Description  applicom PCU1000, 1 Serial RS485/RS422 port, PCI 3.3V/5V bus (PCI-X compatible), RoHS compliant
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1120205017 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  1120205017 Datasheet HTML 1Page - Molex Electronics Ltd. 1120205017 Datasheet HTML 2Page - Molex Electronics Ltd. 1120205017 Datasheet HTML 3Page - Molex Electronics Ltd. 1120205017 Datasheet HTML 4Page - Molex Electronics Ltd. 1120205017 Datasheet HTML 5Page - Molex Electronics Ltd. 1120205017 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Features
NEW! PCI Express form factor
1, 2 or 4 Serial ports
Large choice of Serial protocols, all
included in the package.
Certified with more than 50
SCADA/HMI packages
On-board processor eliminates data
bottle necks, ensuring delivery of
time critical information
Electrical Interfaces available:
RS232C
RS485 / RS422
Current Loop
Profibus RS485
all with or without galvanic insulation
(opto couplers)
Speed: 50 to 38.400 Kbps
Embedded Database
(32 Kwords + 32 Kbits)
Gateway feature with PCI4000
Serial Serial
Serial Profibus
Complete and user-friendly
package:
All components in the box
software+hardware
2 years of hardware warranty
Local technical support with
worldwide representation
1 driver / 1 configuration tool for all
protocols
Graphical User Interface
Supported OS
Standard package
Windows 32-bit
(Vista / XP / 2003 Server)
Free Download
Windows XP Embedded, VenturCom
RTX, VxWorks, QNX, Linux, DOS
applicom
®
PCI4000 card
(RoHS)
applicom
®
PCI2000 card
applicom
®
PCU1000 card
(RoHS + 3.3V)
Serial Network Interface Cards
Best choice for SCADA/HMI applications
Overview
applicom
® is a range of intelligent communication solutions, complete and ready to use
covering more than 40 protocols among a wide choice of industrial networks and fieldbuses:
Ethernet TCP/IP, Profibus, Modbus Plus, Data Highway Plus, WorldFIP and Serial Links.
These solutions connect your PC-based applications (HMI, SCADA, MES, Custom
applications) to industrial equipment (programmable controller, I/O modules, devices...).
Thanks to applicom
® smart technology - built-in processor, each interface card is able to
execute all management and the processing (polling, frame management, etc.) of
communications protocols, resulting in extremely fast, efficient application performance.
The applicom
® software package includes:
Graphical configuration software.
Test and network diagnostic tools.
Data servers
OPC DA v1.0a, v2.05 and v3.0 (including an OPC client with its source code)
Wonderware I/O Server (DAServer, DDE, FastDDE, SuiteLink)
Development libraries
DLL Library
MS Visual Studio (.NET/C#/VB/C++/C), Borland Delphi
National Instruments (LabWindows CVI, LabVIEW/VI)
- Configuration Software -
- OPC Server -
These network interface cards allow connecting your computer
to Serial Industrial Networks.
BradCommunications™ applicom® is the easiest and trouble free
solution to quickly connect your visualization application to the
industrial world.


Similar Part No. - 1120205017

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1120205018 MOLEX11-1120205018 Datasheet
1,004Kb / 6P
   applicom PCIE1000, 1 Serial RS485/RS422 port, PCI Express 1x, RoHS compliant
More results

Similar Description - 1120205017

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1120205018 MOLEX11-1120205018 Datasheet
1,004Kb / 6P
   applicom PCIE1000, 1 Serial RS485/RS422 port, PCI Express 1x, RoHS compliant
1120000005 MOLEX11-1120000005 Datasheet
896Kb / 3P
   applicom PCU2000ETH Ethernet TCP/IP 10/100 Mbps card, PCI 3.3/ 5V bus, RoHS compliant
1120000001 MOLEX11-1120000001 Datasheet
896Kb / 3P
   applicom PCU2000ETH Combo Ethernet 10/100 Mbps Profibus 1.5 MB card, PCI 3.3/ 5V bus, RoHS compliant
1120005027 MOLEX11-1120005027 Datasheet
562Kb / 3P
   applicom PCIE2000ETH Combo Ethernet 10/100 Mbps Serial RS485/422 card, PCI Express 1x bus
1120005026 MOLEX11-1120005026 Datasheet
562Kb / 3P
   applicom PCIE2000ETH Ethernet TCP/IP 10/100 Mbps card, PCI Express 1x bus, RoHS compliant
logo
Exar Corporation
XR17D152 EXAR-XR17D152 Datasheet
772Kb / 68P
   UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
XR17D152IM-F EXAR-XR17D152IM-F Datasheet
727Kb / 68P
   UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
XR17D154 EXAR-XR17D154 Datasheet
836Kb / 69P
   UNIVERSAL (3.3V AND 5V) PCI BUS QUAD UART
XR17D158 EXAR-XR17D158 Datasheet
1Mb / 72P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158 EXAR-XR17D158_05 Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com