Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

95501-2401 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 95501-2401
Description  Modular Jacks, Low Profile, Trough Hole, 4 Positions, 4 loaded, Tube
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

95501-2401 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  95501-2401 Datasheet HTML 1Page - Molex Electronics Ltd. 95501-2401 Datasheet HTML 2Page - Molex Electronics Ltd. 95501-2401 Datasheet HTML 3Page - Molex Electronics Ltd. 95501-2401 Datasheet HTML 4Page - Molex Electronics Ltd. 95501-2401 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical
Current - Maximum per Contact
1.5A
Shielded
No
Voltage - Maximum
125V DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
45
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-95001
Product Specification
PS-95501
Sales Drawing
SD-95501-001
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 95501-2401

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
95501-2441 MOLEX11-95501-2441 Datasheet
200Kb / 5P
   Modular Jacks, Low Profile, Trough Hole, 4 Positions, 4 loaded
More results

Similar Description - 95501-2401

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0955012441 MOLEX11-0955012441 Datasheet
200Kb / 5P
   Modular Jacks, Low Profile, Trough Hole, 4 Positions, 4 loaded
0955012601 MOLEX11-0955012601 Datasheet
206Kb / 5P
   Modular Jacks, Low Profile, Trough Hole, 6 Positions, 4 loaded, Tube
0955012641 MOLEX11-0955012641 Datasheet
200Kb / 5P
   Modular Jacks, Low Profile, Trough Hole, 6 Positions, 4 loaded
0955012821 MOLEX11-0955012821 Datasheet
206Kb / 5P
   Modular Jacks, Low Profile, Trough Hole, 8 Positions, 8 loaded, Tube
0955012611 MOLEX11-0955012611 Datasheet
206Kb / 5P
   Modular Jacks, Low Profile, Trough Hole, 6 Positions, 6 loaded, Tube, RJ12
0955012881 MOLEX11-0955012881 Datasheet
200Kb / 5P
   Modular Jacks, Low Profile, Trough Hole, 8 Positions, 8 loaded
0955012882 MOLEX11-0955012882 Datasheet
200Kb / 5P
   Modular Jacks, Low Profile, Trough Hole, 8 Positions, 8 loaded, Keyed
0955012661 MOLEX11-0955012661 Datasheet
200Kb / 5P
   Modular Jacks, Low Profile, Trough Hole, 6 Positions, 6 loaded, RJ12
0955016449 MOLEX11-0955016449 Datasheet
224Kb / 5P
   Modular Jacks, Low Profile, SMT Jack, 4 Positions, 4 loaded
0955016649 MOLEX11-0955016649 Datasheet
224Kb / 5P
   Modular Jacks, Low Profile, SMT Jack, 6 Positions, 4 loaded
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com