Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-502307-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-502307-001
Description  CTX150 Female Terminal, Tin (Sn), 22 AWG D-Wind, Left Payoff, Grip Code S
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-502307-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-502307-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-502307-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5023070111
Status:
Active
Overview:
ctx_crimp_terminals
Description:
CTX150 Female Terminal, Tin (Sn), 22 AWG D-Wind, Left Payoff, Grip Code S
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
502307
Crimp Quality Equipment
Yes
Overview
ctx_crimp_terminals
Product Name
CTX150
Physical
Durability (mating cycles max)
10
Gender
Female
Material - Metal
Copper Alloy
Material - Plating Mating
Tin
Material - Plating Termination
Nickel
Packaging Type
Reel
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
2.80mm
Wire Size AWG
22
Wire Size mm²
0.35-0.50
Electrical
Current - Maximum per Contact
15A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-31301-053
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
502307Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Extraction Tool for
CTX150 Receptacle
Crimp Terminal
0638134400
Hand Crimp Tool
for CTX 1.50mm
Receptacle Terminal,
0.30, 0.35, and
0.50mm2 Wires
0638193900
FineAdjust™
Applicator for
CTX150 Receptacle
Terminals, .30mm, .35mm,
& .50mm
0639010400
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-502307-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-502307-001 MOLEX11-SD-502307-001 Datasheet
127Kb / 2P
   CTX150 Female Terminal, Tin (Sn), 18-20 AWG D-Wind, Left Payoff, Grip Code M
More results

Similar Description - SD-502307-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0348050111 MOLEX1-0348050111 Datasheet
32Kb / 1P
   CTX150 Female Terminal, Tin (Sn), 22 AWG D-Wind, Left Payoff, Grip Code S
0348050211 MOLEX1-0348050211 Datasheet
34Kb / 2P
   CTX150 Female Terminal, Tin (Sn), 22 AWG B-Wind, Right Payoff, Grip Code S
5023070112 MOLEX11-5023070112 Datasheet
127Kb / 2P
   CTX150 Female Terminal, Tin (Sn), 18-20 AWG D-Wind, Left Payoff, Grip Code M
5023070113 MOLEX11-5023070113 Datasheet
135Kb / 3P
   CTX150 Female Terminal, Tin (Sn), 14-16 AWG D-Wind, Left Payoff, Grip Code L
0348050112 MOLEX1-0348050112 Datasheet
32Kb / 1P
   CTX150 Female Terminal, Tin (Sn), 18-20 AWG D-Wind, Left Payoff, Grip Code M
0348050113 MOLEX1-0348050113 Datasheet
32Kb / 1P
   CTX150 Female Terminal, Tin (Sn), 14-16 AWG D-Wind, Left Payoff, Grip Code L
0348050212 MOLEX1-0348050212 Datasheet
33Kb / 1P
   CTX150 Female Terminal, Tin (Sn), 18-20 AWG B-Wind, Right Payoff, Grip Code M
0348050213 MOLEX1-0348050213 Datasheet
34Kb / 2P
   CTX150 Female Terminal, Tin (Sn), 14-16 AWG B-Wind, Right Payoff, Grip Code L
0348033211 MOLEX1-0348033211 Datasheet
36Kb / 1P
   CTX64 Female Terminal, Tin, S-Grip, D-Wind, Left Payoff, SAE 22
0349052444 MOLEX1-0349052444 Datasheet
36Kb / 2P
   CTX50 Receptacle Terminal, Sealed, Tin, S-Grip, D-Wind, Left Payoff
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com