Electronic Components Datasheet Search |
|
502078-3960 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
502078-3960 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 6 page This document was generated on 05/18/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 5020783960 Status: Active Description: 0.25mm (.010") Pitch Easy-On™ Type FPC Connector, 1.00mm (.039") Mated Height, Right Angle, SMT, Bottom Contact Style, with Extended Actuator, 39 Circuits, Halogen Free Documents: 3D Model Product Specification PS-502078-003 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family FFC/FPC Connectors Series 502078 Product Name Easy-On™ Physical Circuits (Loaded) 39 Contact Position Bottom Durability (mating cycles max) 10 Entry Angle 90° Angle Mated Height (in) 0.039 In Mated Height (mm) 1.00 mm Material - Metal Phosphor Bronze Material - Plating Mating Gold Number of Rows 1 Orientation Right Angle PCB Locator No PCB Retention Yes Packaging Type Embossed Tape on Reel Pitch - Mating Interface (in) 0.010 In Pitch - Mating Interface (mm) 0.25 mm Polarized to PCB Yes Stackable No Temperature Range - Operating -20°C to +85°C Termination Interface: Style Surface Mount Wire/Cable Type FPC only Electrical Current - Maximum per Contact 0.2A Voltage - Maximum 50V Material Info Reference - Drawing Numbers Product Specification PS-502078-003 Sales Drawing SD-502078-005, SD-502078-006 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 502078Series This document was generated on 05/18/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Similar Part No. - 502078-3960 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |