Electronic Components Datasheet Search |
|
SDA-90584 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
SDA-90584 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 4 page This document was generated on 03/16/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0905842312 Status: Active Description: 1.27mm (.050") Pitch Picoflex® PF-50 IDT Receptacle, Low Profile, Board-In, 12 Circuits Documents: 3D Model Product Specification PS-99020-0011 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Product Specification ES-99033-0002 (PDF) General Product Family Ribbon Cable / Wire Trap Connectors Series 90584 Comments Low Profile Component Type One Piece Glow-Wire Compliant No Product Name Board-In, Picoflex® Physical Circuits (Loaded) 12 Color - Resin Natural Durability (mating cycles max) 30 Entry Angle 90° Angle Lock to Mating Part None Material - Metal Phosphor Bronze Material - Plating Mating Tin Material - Plating Termination Tin Material - Resin Polyester Number of Rows 2 PCB Locator No PCB Retention Yes PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Tube - Stacked Pitch - Mating Interface (in) 0.050 In Pitch - Mating Interface (mm) 1.27 mm Plating min: Mating (µin) 80.00 Plating min: Mating (µm) 2.00 Plating min: Termination (µin) 80.00 Plating min: Termination (µm) 2.00 Polarized to Mating Part N/A Polarized to PCB Yes Stackable No Surface Mount Compatible (SMC) No Temperature Range - Operating -40°C to +105°C Termination Interface: Style Through Hole - Kinked Pin Wire Insulation Diameter 1.00mm (.039") max. Wire Size AWG 26, 28 Wire/Cable Type Ribbon Cable Electrical Current - Maximum per Contact 1.2A Voltage - Maximum 250V Material Info Reference - Drawing Numbers Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 90584Series Mates With N/A Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Arbor Press Fixture 0690201902 |
Similar Part No. - SDA-90584 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |