Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB829 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SB829
Description  50V/15A Switching Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SB829 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SB829 Datasheet HTML 1Page - Sanyo Semicon Device 2SB829 Datasheet HTML 2Page - Sanyo Semicon Device 2SB829 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - 2SB829

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SB829 SAVANTIC-2SB829 Datasheet
205Kb / 4P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB829 JMNIC-2SB829 Datasheet
269Kb / 4P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB829 ISC-2SB829 Datasheet
252Kb / 2P
   isc Silicon PNP Power Transistor
logo
Savantic, Inc.
2SB829 SAVANTIC-2SB829 Datasheet
206Kb / 4P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SB829 NJSEMI-2SB829 Datasheet
83Kb / 2P
   Silicon PNP Power Transistor
More results

Similar Description - 2SB829

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC6082 SANYO-2SC6082 Datasheet
46Kb / 4P
   50V / 15A High-Speed Switching Applications
2SB1135 SANYO-2SB1135 Datasheet
99Kb / 3P
   50V/7A Switching Applications
2SB1165 SANYO-2SB1165 Datasheet
124Kb / 4P
   50V/5A Switching Applications
logo
ON Semiconductor
2SB826 ONSEMI-2SB826 Datasheet
101Kb / 4P
   50V / 12A Switching Applications
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
2SB1143S SANYO-2SB1143S Datasheet
422Kb / 7P
   50V/4A Switching Applications
2SB1166 SANYO-2SB1166 Datasheet
126Kb / 4P
   50V/8A Switching Applications
2SA1824 SANYO-2SA1824 Datasheet
131Kb / 4P
   50V/5A Switching Applications
2SA1825 SANYO-2SA1825 Datasheet
131Kb / 4P
   50V/8A Switching Applications
2SB1143 SANYO-2SB1143 Datasheet
126Kb / 4P
   50V/4A Switching Applications
2SD1060 SANYO-2SD1060 Datasheet
57Kb / 5P
   50V / 5A Switching Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com