Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0908160304 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0908160304
Description  1.27mm (.050") Pitch Picoflex SMT Latched Vertical Header, 4 Circuits, Tin (Sn) Plating, Black
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0908160304 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0908160304 Datasheet HTML 1Page - Molex Electronics Ltd. 0908160304 Datasheet HTML 2Page - Molex Electronics Ltd. 0908160304 Datasheet HTML 3Page - Molex Electronics Ltd. 0908160304 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/23/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0908160304
Status:
Active
Description:
1.27mm (.050") Pitch Picoflex® SMT Latched Vertical Header, 4 Circuits, Tin (Sn)
Plating, Black
Documents:
3D Model
Product Specification PS-99020-0011 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
90816
Application
Wire-to-Board
Product Name
Picoflex®
Physical
Breakaway
No
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Black
Durability (mating cycles max)
5
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
N/A
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Nickel
Material - Resin
Nylon
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.041 In
PC Tail Length (mm)
1.05 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
3
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Partial
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1.2A
Voltage - Maximum
250V
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90816Series
Mates With
90327 Picoflex® PF-50


Similar Part No. - 0908160304

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0908160306 MOLEX11-0908160306 Datasheet
223Kb / 4P
   1.27mm (.050") Pitch Picoflex SMT Latched Vertical Header, 6 Circuits, Tin (Sn) Plating, Black
0908160308 MOLEX11-0908160308 Datasheet
223Kb / 4P
   1.27mm (.050") Pitch Picoflex SMT Latched Vertical Header, 8 Circuits, Tin (Sn) Plating, Black
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com