Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5008121000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5008121000
Description  3.00mm (.118") Pitch Mini-HMC Crimp Housing, Male, 2 Rows, 10 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

5008121000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5008121000 Datasheet HTML 1Page - Molex Electronics Ltd. 5008121000 Datasheet HTML 2Page - Molex Electronics Ltd. 5008121000 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5008121000
Status:
Active
Description:
3.00mm (.118") Pitch Mini-HMC™ Crimp Housing, Male, 2 Rows, 10 Circuits
Documents:
3D Model
Product Specification PS-500810-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
I/O Connectors
Series
500812
Application
Panel-Mount, Wire-to-Wire
Component Type
Housing
Product Name
Mini-HMC™
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
N/A
Circuits (maximum)
10
Color - Resin
Natural
Durability (mating cycles max)
50
Flammability
94V-0
Gender
Female
Lock to Mating Part
Yes
Material - Plating Mating
n/a
Material - Resin
Nylon
Number of Rows
2
Orientation
Vertical
PCB Locator
No
Packaging Type
Bag
Panel Mount
Screws
Pitch - Mating Interface (in)
0.118 In
Pitch - Mating Interface (mm)
3.00 mm
Polarized to Mating Part
Yes
Polarized to PCB
N/A
Ports
1
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
N/A
Waterproof / Dustproof
No
Electrical
Current - Maximum per Contact
1.5A, 2.5A
Shielded
No
Voltage - Maximum
250V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-500810-001, RPS-500810-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
500812Series
Mates With
500813-1000
Use With
56118-8228 , 56118-8328 , 56119-8228 ,
56119-8328 , 500810-0000 , 500810-0010


Similar Part No. - 5008121000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
500810-0000 MOLEX11-500810-0000 Datasheet
156Kb / 3P
   Mini-HMC Shielded I/O Plug Shell, 40 Circuits, 8 Rows, Polarizing Key Type A
5008100000 MOLEX11-5008100000 Datasheet
156Kb / 3P
   Mini-HMC Shielded I/O Plug Shell, 40 Circuits, 8 Rows, Polarizing Key Type A
5008100010 MOLEX11-5008100010 Datasheet
156Kb / 3P
   Mini-HMC Shielded I/O Plug Shell, 40 Circuits, 8 Rows, Polarizing Key Type B
5008110010 MOLEX11-5008110010 Datasheet
199Kb / 3P
   Picoflex PF-50 IDT-to-IDT, 24 Circuits, 0.36m (1.18 ) Length
5008111010 MOLEX11-5008111010 Datasheet
137Kb / 3P
   Mini-HMC Rectangular Industrial Wire-to-Wire Cover, Right Angle, 40 Circuits, for Plug
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com