Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0930510031 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0930510031
Description  5.00mm (.196") Pitch Appli-Mate RAST 2.5 Female Connector, Glow Wire Compliant, 2 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0930510031 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0930510031 Datasheet HTML 1Page - Molex Electronics Ltd. 0930510031 Datasheet HTML 2Page - Molex Electronics Ltd. 0930510031 Datasheet HTML 3Page - Molex Electronics Ltd. 0930510031 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0930510031
Status:
Active
Overview:
rast_25_connector_system
Description:
5.00mm (.196") Pitch Appli-Mate RAST 2.5 Female Connector, Glow Wire Compliant, 2
Circuits, Natural, Open Endwalls, All Positions Removed, with Black Stripe
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-99020-0040 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
IDT and Solder Connectors
Series
93051
Comments
With Black Stripe
Crimp Quality Equipment
Yes
Overview
rast_25_connector_system
Product Name
RAST 2.5
Use With
RAST Standard Interface
Physical
Circuits (Loaded)
2
Circuits (maximum)
2
Color - Resin
Natural
Durability (mating cycles max)
10
Flammability
94V-2
Gender
Female
Glow-Wire Compliant
Yes
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface (in)
0.198 In
Pitch - Mating Interface (mm)
5.00 mm
Pitch - Term. Interface (in)
0.198 In
Pitch - Term. Interface (mm)
5.00 mm
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1.00
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1.00
Polarized to Mating Part
No
Temperature Range - Operating
-20C TO +120C
Termination Interface: Style
IDT or Pierce
Wire Size AWG
22, 24
Electrical
Current - Maximum per Contact
2A
Voltage - Maximum
250V AC
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
93051Series
Mates With
Appli-Mate RAST 2.5 Header 93071


Similar Part No. - 0930510031

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0930510032 MOLEX11-0930510032 Datasheet
308Kb / 4P
   5.00mm (.196") Pitch Appli-Mate RAST 2.5 Female Connector, Glow Wire Compliant, 2 Circuits, Natural
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com