Selected language     English  ▼


E-112073-0001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. E-112073-0001
Description  BradCommunications SST 1 Ethernet and 2 Serial ports PLC communications module
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

   
 1 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1120730001
Status:
Active
Description:
BradCommunications™ SST™ 1 Ethernet and 2 Serial ports PLC communications
module for Allen-Bradley ControlLogix, includes Remote Link Library feature
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Network Interface
Series
112073
Approvals
CE, Class 1 Division 2
Communication Speed
Ethernet: 10/100 Mbps, Serial: 2,400 to 115,200 bps
Mounting Style
N/A
Product Name
SST™
Protocol
N/A
Type
PLC Module
Physical
Channels
3
Interface
Ethernet - Serial
Network Connection Type
Ethernet: RJ45, Serial: D-Sub Male (9 pin)
Packaging Type
Carton
Processor
Freescale MCF5772
Temperature Range - Operating
0°C to +60°C
Electrical
Current - Maximum Input
5.5W
EMC
EN 55022 Class B, EN 61000-3-2, EN 61000-3-3, EN
61000-6-2
Supply Voltage
N/A
Material Info
Old Part Number
SST-ESR2-CLX-RLL
Reference - Drawing Numbers
Sales Drawing
E-112073-0001
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
112073Series
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl