Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1120205018 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 1120205018
Description  applicom PCIE1000, 1 Serial RS485/RS422 port, PCI Express 1x, RoHS compliant
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1120205018 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  1120205018 Datasheet HTML 1Page - Molex Electronics Ltd. 1120205018 Datasheet HTML 2Page - Molex Electronics Ltd. 1120205018 Datasheet HTML 3Page - Molex Electronics Ltd. 1120205018 Datasheet HTML 4Page - Molex Electronics Ltd. 1120205018 Datasheet HTML 5Page - Molex Electronics Ltd. 1120205018 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Accessories for applicom® PCI-4000 card
Remote Serial Splitter Boxes
A variety of remote serial splitter boxes are available to split the D-Sub 37 pin port of the applicom
® PCI-4000 card into 4
D-Sub distinct ports. A junction cable is used to connect the card to the remote panel.
BR4000
Format:
Desktop version
Port Type:
4 Serial ports, 9 pin, D-Sub male
Dimensions (LxWxH):
185 x 110 x 30 mm (7.28 x 4.33 x 1.18”)
Junction cable:
1.5m (4.92”)
Operating T°:
0º C (32º F) ↔ +65º C (149º F)
Storage T°:
-40º C (-40º F) ↔ +80º C (176º)
BX4010
Format:
Desktop version with galvanic insulation
(2500V) based on opto couplers
Port Type:
4 Serial ports, 9 pin, D-Sub male
Dimensions (LxWxH):
275 x 175 x 67 mm (10.83 x 6.89 x 2.64”)
Junction cable:
1.5m (4.92”)
Operating T°:
0º C (32º F) ↔ +65º C (149º F)
Storage T°:
-40º C (-40º F) ↔ +80º C (176º)
LED Indicators:
2 leds: TX / RX
Power supply:
110V / 230V AC (internal switch)
BX4010R
Format:
1U-19” rack version with galvanic insulation
(2500V) based on opto couplers
Port Type:
4 Serial ports, 9 pin, D-Sub male
Dimensions (LxWxH):
483 x 200 x 45 mm (19.02 x 7.87 x 1.77”)
Junction cable:
1.5m (4.92”)
Operating T°:
0º C (32º F) ↔ +65º C (149º F)
Storage T°:
-40º C (-40º F) ↔ +80º C (176º)
LED Indicators:
2 leds: TX / RX
Power supply:
110/V / 230V AC (internal switch)
Serial Network Interface Cards


Similar Part No. - 1120205018

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1120205017 MOLEX11-1120205017 Datasheet
1,004Kb / 6P
   applicom PCU1000, 1 Serial RS485/RS422 port, PCI 3.3V/5V bus (PCI-X compatible), RoHS compliant
More results

Similar Description - 1120205018

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1120205017 MOLEX11-1120205017 Datasheet
1,004Kb / 6P
   applicom PCU1000, 1 Serial RS485/RS422 port, PCI 3.3V/5V bus (PCI-X compatible), RoHS compliant
1120005027 MOLEX11-1120005027 Datasheet
562Kb / 3P
   applicom PCIE2000ETH Combo Ethernet 10/100 Mbps Serial RS485/422 card, PCI Express 1x bus
1120005026 MOLEX11-1120005026 Datasheet
562Kb / 3P
   applicom PCIE2000ETH Ethernet TCP/IP 10/100 Mbps card, PCI Express 1x bus, RoHS compliant
logo
PLX Technology
OXPCIE954 PLX-OXPCIE954 Datasheet
188Kb / 2P
   PCI Express to Quad Serial Port
OXPCIE958 PLX-OXPCIE958 Datasheet
183Kb / 2P
   PCI Express to Octal Serial Port
logo
Texas Instruments
XIO1100GGB TI-XIO1100GGB Datasheet
398Kb / 36P
[Old version datasheet]   PCI Express 1.1 Compliant
logo
Beckhoff Automation Gmb...
CX2500-0031 BECKHOFF-CX2500-0031 Datasheet
77Kb / 1P
   Serial Interface RS485/RS422 for CX20xx, CX52xx
logo
PLX Technology
OXPCIE952 PLX-OXPCIE952 Datasheet
314Kb / 2P
   PCI Express to Dual Serial and Parallel Port
logo
Moxa Inc.
CP-168EL-A MOXA-CP-168EL-A Datasheet
966Kb / 3P
   8-port RS-232 PCI Express serial boards
logo
Silicon Laboratories
SL28PCIE50 SILABS-SL28PCIE50 Datasheet
399Kb / 17P
   PCI-Express Gen 2 Compliant
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com