Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTY803P-FBA Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # BTY803P-FBA
Description  Micro-Change Molded Junction Box, Top Mount, 8 Ports, 2(OI) per port, LEDs for PNP sensors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

BTY803P-FBA Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  BTY803P-FBA Datasheet HTML 1Page - Molex Electronics Ltd. BTY803P-FBA Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1201140082
Status:
Active
Overview:
microchange_m12_connectors
Description:
Micro-Change® Molded Junction Box, Top Mount, 8 Ports, 2(OI) per port, LEDs for
PNP sensors, with Field Wireable Home Run Connection
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR6837
UL
E152210
General
Product Family
Passive Distribution Boxes
Series
120114
Comments
PNP SENSORS
IP Rating
IP67
NEMA Rating
NEMA 6
Overview
microchange_m12_connectors
Product Name
Micro-Change® (M12)
Physical
Bus I/O
Micro-Change® (M12)
Cable Connector Orientation
90° Angle
Cable Length
N/A
Home Run Cable Length
N/A
Home Run Connector
Terminal Strip
Home Run Interface
Terminal Strip
Keyway
Single
LED Indicator
Yes
Material - Cable Jacket
N/A
Material - Housing
PBT
Material - Metal
Copper Alloy
Material - Plating Mating
Gold over Nickel
Orientation
Top Mount
Poles
5
Poles (wired)
5
Ports
8
Temperature Range - Operating
-20°C to +90°C
Wiring Configuration
Dual I/O per Port
Electrical
Current - Maximum per Contact
12A per module, 4A per port
Functional Wiring
Parallel
Voltage - Maximum
10-30V DC
Material Info
Old Part Number
BTY803P-FBA
Reference - Drawing Numbers
Sales Drawing
SD-120114-068
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
120114Series
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - BTY803P-FBA

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
BTY803P-FBB MOLEX11-BTY803P-FBB Datasheet
144Kb / 2P
   Micro-Change Molded Junction Box, Top Mount, 8 Ports, 2(IO) per port, LEDs for PNP sensors, with Integral
More results

Similar Description - BTY803P-FBA

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1201140083 MOLEX11-1201140083 Datasheet
144Kb / 2P
   Micro-Change Molded Junction Box, Top Mount, 8 Ports, 2(IO) per port, LEDs for PNP sensors, with Integral
1201140030 MOLEX11-1201140030 Datasheet
132Kb / 2P
   Micro-Change Molded Junction Box, Top Mount, 4 Ports, 2(IO) per port, LEDs for PNP sensors, with Integral
1201140081 MOLEX11-1201140081 Datasheet
125Kb / 2P
   Micro-Change Molded Junction Box, Top Mount, 8 Ports, LEDs for PNP sensors, with Mini-Change
1202480050 MOLEX-1202480050 Datasheet
48Kb / 2P
   MPIS Micro-Change (M12) Passive Junction Box, Top Mount, 8 Ports, LEDs for 2 PNP Sensors
1202480066 MOLEX-1202480066 Datasheet
48Kb / 2P
   MPIS Micro-Change (M12) Passive Junction Box, Top Mount, 8 Ports, LEDs for 2 PNP Sensors
1202480049 MOLEX-1202480049 Datasheet
48Kb / 1P
   MPIS Micro-Change (M12) Passive Junction Box, Top Mount, 8 Ports, LEDs for 2 PNP Sensors
1202480051 MOLEX-1202480051 Datasheet
48Kb / 2P
   MPIS Micro-Change (M12) Passive Junction Box, Top Mount, 8 Ports, LEDs for 2 PNP Sensors
1201140055 MOLEX11-1201140055 Datasheet
122Kb / 2P
   Micro-Change Molded Junction Box, Top Mount, 6 Ports, LEDs for PNP sensors, with Integral Mini-Change
1202480062 MOLEX-1202480062 Datasheet
53Kb / 2P
   MPIS Micro-Change (M12) Passive Junction Box, Top Mount, 4 Ports, LEDs for 2 PNP Sensors
1202480031 MOLEX-1202480031 Datasheet
52Kb / 1P
   MPIS Micro-Change (M12) Passive Junction Box, Top Mount, 4 Ports, LEDs for 2 PNP Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com