Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

105019-0006 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 105019-0006
Description  0.50mm (.020") Pitch DisplayPort* Male Receptacle, Right Angle, SMT, Reverse Type, Gold (Au)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

105019-0006 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  105019-0006 Datasheet HTML 1Page - Molex Electronics Ltd. 105019-0006 Datasheet HTML 2Page - Molex Electronics Ltd. 105019-0006 Datasheet HTML 3Page - Molex Electronics Ltd. 105019-0006 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1050190006
Status:
Active
Overview:
displayport
Description:
0.50mm (.020") Pitch DisplayPort* Male Receptacle, Right Angle, SMT, Reverse Type,
Gold (Au) Flash Plating, 20 Circuits, with Peg, Leadfree
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
I/O Connectors
Series
105019
Application
Wire-to-Board
Comments
With Post
Component Type
Receptacle
Overview
displayport
Product Name
DisplayPort*
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
20
Circuits (maximum)
20
Color - Resin
Black
Gender
Male
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Bismuth
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Embossed Tape on Reel
Panel Mount
Yes
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
0.50 mm
Pitch - Term. Interface (in)
0.039 In
Pitch - Term. Interface (mm)
0.50 mm
Plating min: Mating (µin)
2
Plating min: Mating (µm)
0.05
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Surface Mount
Waterproof / Dustproof
No
Electrical
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
105019Series


Similar Part No. - 105019-0006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
105019-0001 MOLEX11-105019-0001 Datasheet
244Kb / 4P
   0.50mm (.020") Pitch DisplayPort* Male Receptacle, Right Angle, SMT, Reverse Type, 0.76um (30u") Gold (Au)
105019-0002 MOLEX11-105019-0002 Datasheet
244Kb / 4P
   0.50mm (.020") Pitch DisplayPort Male Receptacle, Right Angle, SMT, Reverse Type, 0.76um (30u") Gold
105019-0005 MOLEX11-105019-0005 Datasheet
243Kb / 4P
   0.50mm (.020") Pitch DisplayPort Male Receptacle, Right Angle, SMT, Reverse Type, Gold (Au) Flash Plating
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com