Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-92318-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-92318-001
Description  Picoflex PF-50 IDT-Board In Z-Style, 14 Circuits, 0.14m (5.51") Length
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-92318-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-92318-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-92318-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0923181414
Status:
Active
Overview:
picoflex
Description:
Picoflex® PF-50 IDT-Board In Z-Style, 14 Circuits, 0.14m (5.51") Length
Documents:
3D Model
Product Specification PS-99020-0011 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Assemblies
Series
92318
Connector to Connector
Picoflex® PCB-to-IDT
Overview
picoflex
Product Name
Picoflex®
Physical
Cable Length
0.14m (5.51")
Circuits (Loaded)
14
Color - Resin
Natural
Gender
Female-Female
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Packaging Type
Bag
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
80.00
Plating min: Mating (µm)
2.000
Plating min: Termination (µin)
80.00
Plating min: Termination (µm)
2.00
Single Ended
No
Termination Interface: Style
IDT or Pierce, Through Hole - Kinked Pin
Waterproof / Dustproof
No
Wire Insulation Diameter
N/A
Wire Size AWG
28
Wire/Cable Type
PVC, Ribbon Cable
Electrical
Current - Maximum per Contact
1.2A
Shielded
No
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Product Specification
PS-99020-0011
Sales Drawing
SD-92318-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
92318Series
Mates With
Picoflex® PF-50 Header 90325 , 90800 ,
90779 , 90715 , 90814
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-92318-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-92318-001 MOLEX11-SD-92318-001 Datasheet
110Kb / 2P
   Picoflex PF-50 IDT-Board In Z-Style, 14 Circuits, 0.10m (3.94") Length
SD-92318-001 MOLEX11-SD-92318-001 Datasheet
110Kb / 2P
   Picoflex PF-50 IDT-Board In Z-Style, 8 Circuits, 0.16m (6.30") Length
SD-92318-001 MOLEX11-SD-92318-001 Datasheet
110Kb / 2P
   Picoflex PF-50 IDT-Board In Z-Style, 20 Circuits, 0.10m (3.94") Length
SD-92318-001 MOLEX11-SD-92318-001 Datasheet
103Kb / 2P
   Picoflex PF-50 IDT-Board In Z-Style, 26 Circuits, 0.19m (7.48") Length
SD-92318-001 MOLEX11-SD-92318-001 Datasheet
110Kb / 2P
   Picoflex PF-50 IDT-Board In Z-Style, 12 Circuits, 0.08m (3.15") Length
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com