Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5014610802 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # 5014610802
Description  0.50mm (.020") Pitch FPC Connector, BackFlip, Right Angle, SMT, Bottom Contact Style
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

5014610802 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

  5014610802 Datasheet HTML 1Page - Molex Electronics Ltd. 5014610802 Datasheet HTML 2Page - Molex Electronics Ltd. 5014610802 Datasheet HTML 3Page - Molex Electronics Ltd. 5014610802 Datasheet HTML 4Page - Molex Electronics Ltd. 5014610802 Datasheet HTML 5Page - Molex Electronics Ltd. 5014610802 Datasheet HTML 6Page - Molex Electronics Ltd. 5014610802 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image


Similar Part No. - 5014610802

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
50146102 SENSORTECHNICS-50146102 Datasheet
330Kb / 4P
   16 element PIN array
logo
Molex Electronics Ltd.
5014610401 MOLEX11-5014610401 Datasheet
297Kb / 5P
   0.50mm (.020") Pitch FPC Connector, BackFlip, Right Angle, SMT, Bottom Contact Style, 0.80mm (.031")
5014610501 MOLEX11-5014610501 Datasheet
351Kb / 6P
   0.50mm (.020") Pitch FPC Connector, BackFlip, Right Angle, SMT, Bottom Contact Style
5014610601 MOLEX11-5014610601 Datasheet
248Kb / 5P
   0.50mm (.020") Pitch FPC Connector, BackFlip, Right Angle, SMT, Bottom Contact Style
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com