Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-112011-0008 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # SD-112011-0008
Description  Direct-Link PCU-DPIO Profibus-DP Master/Slave 12 Mbps, PCI Express 1x
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-112011-0008 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  SD-112011-0008 Datasheet HTML 1Page - Molex Electronics Ltd. SD-112011-0008 Datasheet HTML 2Page - Molex Electronics Ltd. SD-112011-0008 Datasheet HTML 3Page - Molex Electronics Ltd. SD-112011-0008 Datasheet HTML 4Page - Molex Electronics Ltd. SD-112011-0008 Datasheet HTML 5Page - Molex Electronics Ltd. SD-112011-0008 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Technical data
Direct-Link™
PC104-DPIO
Direct-Link™
CPCI-DPIO
Key Benefits
• Fast data exchange (on-board processor take off the load of the host CPU)
• Speed up to 12 Mbps
• Serial or Ethernet (only for PCU card) port for remote configuration to use with exotic OS
• DP-V0 Master Class 1 & 2/ Slave simultaneously
Hardware
Unit
PC/104 bus
CompactPCI bus, 5V
Processor
AMD SC520, 100 Mhz
AMD SC520, 133 Mhz
Profibus ASIC
ASPC2
ASPC2
Memory
8 Mbytes SDRAM
8 Mbytes SDRAM
Flash Memory
512 Kbytes
512 kbytes
Interruption
2, 3, 4, 5, 6, 7, 10, 11, 12, 14, 15
Hardware Plug&Play
DPRAM Address
From C8000 to DE000 (8 Kbytes used per card)
Hardware Plug&Play (16 Kbytes)
Discrete Input
1 x Opto-coupled discrete input,
Voltage -> +10 to +30V DC or 24V AC (50-60 Hz)
1 x Opto-coupled discrete input,
Voltage -> +10 to +30V DC or 24V AC (50-60 Hz)
Discrete Output
1 x "WatchDog" output contact free from potential
(floating) (24 V DC, 0.25 A)
1 x "WatchDog" output contact free from potential
(floating) (24 V DC, 0.25 A)
Dimensions (LxW)
95mm x 90mm (3.74" x 3.54")
100mm x 160mm (3.93" x 6.29") - 3U
Consumption
5.5W (max. 1.2A)
5,5W (max. 1.2A)
Operating T°
0ºC (32°F) up to +65ºC (149ºF)
0º C (32º F) ↔ +65º C (149º F)
Storage T°
-40º C (-40°F) up to +85ºC (185º F)
-40º C (-40°F) up to +85ºC (185º F)
EMC Compliance
EN55022 Class B, EN61000-6-2, EN61000-3-2,
EN61000-3-3
EN55022 Class B, EN61000-6-2, EN61000-3-2,
EN61000-3-3
RoHS Compliance
NO
YES
Communication port
Port type
1 Profibus port (EN 50170)
1 Profibus port (EN 50170)
Connector
In standard: HE13 (2 x 5 pins) or in option: 9-pin, Sub-
D, female
Profibus D-Sub, 9 pin, female
LED Indicator
2 bicolor Leds: bus fault and communication status
2 bicolor Leds: bus fault and communication status
Electrical Interface RS485 optical insulation (500 V)
RS485 optical insulation (500 V)
Baud Rate
9.6 kbps ↔ 12 Mbps
9.6 kbps ↔ 12 Mbps
Port for remote configuration and diagnostic
Port Type
Asynchronous Serial port
Asynchronous Serial port
Connector type
HE13 (2 x 5 pins)
9-pin, Sub-D, male
LED indicators
-
2 Leds - TX/RX
Electrical interface RS232 – 2 signals
RS232 – 2 signals
Speed
9600, 38400, 115200 bps
9600, 38400, 115200 bps


Similar Part No. - SD-112011-0008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-112000-5032 MOLEX11-SD-112000-5032 Datasheet
847Kb / 3P
   BradCommunications Direct-Link PCIE-ETHIO Ethernet card for PROFINET IOController & IO-Device
SD-112000-5033 MOLEX11-SD-112000-5033 Datasheet
844Kb / 3P
   BradCommunications Direct-Link PCIE-ETHIO Ethernet card for EtherNet/IP Scanner/Adapter
SD-112000-5034 MOLEX11-SD-112000-5034 Datasheet
817Kb / 3P
   BradCommunications Direct-Link PCIE-ETHIO Ethernet card for Modbus TCP/ UDP Client
SD-112003-0004 MOLEX11-SD-112003-0004 Datasheet
306Kb / 3P
   Direct-Link PCU-DVNIO DeviceNet Mstr/Slave card (Univ. PCI)
SD-112026-0013 MOLEX11-SD-112026-0013 Datasheet
301Kb / 3P
   Connect Profibus to Modbus Serial devices
More results

Similar Description - SD-112011-0008

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM5PCDPS SCHNEIDER-TM5PCDPS Datasheet
234Kb / 5P
   Profibus DP communication module, Modicon TM5, slave link, PCI
Apr 6, 2022
logo
Molex Electronics Ltd.
1120030004 MOLEX11-1120030004 Datasheet
306Kb / 3P
   Direct-Link PCU-DVNIO DeviceNet Mstr/Slave card (Univ. PCI)
logo
Beckhoff Automation Gmb...
FC3122 BECKHOFF-FC3122 Datasheet
161Kb / 2P
   Infrastructure, 2-channel fieldbus card, PROFIBUS, master/slave, PCI express, D-sub
FC3121 BECKHOFF-FC3121 Datasheet
279Kb / 2P
   Infrastructure, 1-channel fieldbus card, PROFIBUS, master/slave, PCI express, D-sub
logo
Prosoft-Technology
MVI46-PDPS PROSOFT-MVI46-PDPS Datasheet
90Kb / 2P
   PROFIBUS DP Slave Communication Module
PS69-DPS PROSOFT-PS69-DPS Datasheet
453Kb / 2P
   PROFIBUS DP Slave Communication Module
MVI56-PDPS PROSOFT-MVI56-PDPS Datasheet
206Kb / 2P
   PROFIBUS DP Slave Communication Module
logo
Beckhoff Automation Gmb...
FC3151 BECKHOFF-FC3151 Datasheet
100Kb / 2P
   Infrastructure, 1-channel fieldbus card, PROFIBUS, master/slave, Mini PCI
logo
Molex Electronics Ltd.
1120110022 MOLEX-1120110022 Datasheet
33Kb / 1P
   SST PB3 Card, PROFIBUS DP Master/Slave, 1 and 2 Channel, PCI 3.3/ 5V -DLL/LIB - Control
logo
Beckhoff Automation Gmb...
FC3101 BECKHOFF-FC3101 Datasheet
162Kb / 2P
   Infrastructure, 1-channel fieldbus card, PROFIBUS, master/slave, PCI, D-sub
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com