Selected language     English  â–¼


E-112034-0026 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. E-112034-0026
Description  SST Remote DeviceNet Scanner, Ethernet remote connection, Din Rail mounting, IP30 with Cable Kit
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

   
 1 page
background image
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1120340026
Status:
Active
Description:
SST Remote DeviceNet Scanner, Ethernet remote connection, Din Rail mounting, IP30
with Cable Kit
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Network Interface
Series
112034
Approvals
CE, ODVA
Communication Speed
N/A
IP Rating
IP20
MAC Address
00A091600422 (Ethernet)
Mounting Style
DIN Rail
Product Name
SSTâ„¢
Protocol
DeviceNet*
Type
Remote Scanner
Physical
Channels
0
Interface
N/A
Network Connection Type
N/A
Packaging Type
Carton
Processor
N/A
Temperature Range - Operating
0°C to +50°C
Electrical
Current - Maximum Input
0.33A
EMC
IEC 61000-6-2
Supply Voltage
10-30V DC
Material Info
Old Part Number
SST-EDN-1-C2
Reference - Drawing Numbers
Sales Drawing
E-112034-0026
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
112034Series
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl