Selected language     English  ▼


E-112034-0026 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part No. E-112034-0026
Description  SST Remote DeviceNet Scanner, Ethernet remote connection, Din Rail mounting, IP30 with Cable Kit
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

   
 3 page
background image
To contact us: www.woodhead.com
Reference Number: DW2007201 Date Published: July 2008
North America: US: + 1 800 225 7724 – Canada: +1 519 725 5136
Europe:
France: +33 2 32 96 04 20 – Germany: +49 7252 94 96 0– Italy: +39 010 59 30 77 –
United Kingdom: +44 1495 356300
Asia:
Shanghai, China: +86 21-5835-9885 - Tianjin, China: +86 22-23321717
Singapore: +65 6268-6868 – Yamato, Japan: +81 46-265-2428 – Nagoya, Japan: +81 52-221-5950
Brad, Micro-Change and Nano-Change are registered trademarks and BradCommunications and SST are trademarks
of Molex Incorporated. © 2008 Molex
OS and Drivers Supported
Microsoft Windows 2000 / XP
drivers
Diagnostic tools
Example C source code and
Windows 32-bit DLLs for custom
driver development
Software Tools
Diagnostic and test tools are available
that enable fast integration of industrial
communication into your application.
Remote DeviceNet Scanner
Hardware Specifications
Diagnostic LEDs
Remote Scanner – Power, System Status
DeviceNet – Power, Communication, Health
Ethernet – Link, 10/100 MBaud, Activity
Remote Scanner Power
10 – 30VDC, 330mA typical
(male Nano-Change
® M8 connector)
Operating Temperature
0º C (32º F) up to +50º C (122º F)
Storage Temperature
-40º C (-40º F) up to +85 ºC (185º F)
Humidity
5% to 95% non-condensing
RoHS Compliant
Yes
Approvals
CE
Network Specifications
Protocol
DeviceNet master – Group 2 Client, Group 2 only Client
DeviceNet slave – Group 2 Server
Isolated CAN physical layer on each channel
Cable
DeviceNet: shielded twisted pair, compatible with target network
Ethernet: Cat 5e shielded
Connector
DeviceNet: compliant male Micro-Change
® M12 connector
Ethernet: RJ45
DeviceNet Power
11-24 VDC, 50 mA typical
Isolation
500 V
Data Rate
125K, 250K and 500K baud for DeviceNet
10/100 Mbit for Ethernet
Ordering Information¹
SAP Material
Number
Catalog
Number
Product Description
1120340021
SST-EDN-1
SST
Remote DeviceNet Scanner (without cables)
1120340026
SST-EDN-1-C2
SST Remote DeviceNet Scanner with cable kit
(DeviceNet & Power)
single-ended power cable: 3-pole, M8 connector on one
end, 2 meters (6.6ft), UL/CSA cable,
Cat. No. 403000A10M020
single-ended DeviceNet cable: 5-pole, M12 connector
on one end, 2 meters (6.6ft), UL/CSA cable,
Cat. No. DND30A-M020
¹ Remote DeviceNet Scanners can be ordered with cable kits (see above) or alternate cables can be ordered.
For part numbering information, refer to our on-line catalog: www.woodhead.com/ecatalog
Dimensions: mm [inches]




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl