Selected language     English  ▼


E-112023-0007 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part No. E-112023-0007
Description  Direct-Link PC104-CANIO CANopen Master PC/104 card
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

   
 3 page
background image
To contact us: www.woodhead.com
Reference Number: DW200590
Date Published: October 2007
North America: US: + 1 800 225 7724 – Canada: +1 519 725 5136
Europe:
France: +33 2 32 96 04 20 – Germany: +49 7252 94 96 0– Italy: +39 010 59 30 77 –
United: Kingdom +44 1495 356300
Asia:
Shanghai, China: +86 21-5835-9885 - Tianjin, China: +86 22-23321717
Singapore: +65 6268-6868 – Yamato, Japan: +81 46-265-2428 – Nagoya, Japan: +81 52-221-5950
BradCommunications and Direct-Link are trademarks of Woodhead Industries.
© 2007 Woodhead Industries, a division of Molex Incorporated.
Direct-Link™ CANopen
Software tools
Direct-Link™ Interface cards provide effective
software tools enabling fast integration of
industrial communication into your
applications. The console is common to all
fieldbuses of Woodhead offer as Profibus-DP,
EtherNet/IP, Modbus/TCP and DeviceNet.
- Configuration console -
- OPC Browser -
- ActiveX implementation -
- Diagnostic and test tools -
Hardware specifications
PCU-CANIO
PC104-CANIO
Bus interface
PCI Universal 3.3/5V,
PCI-X compatible
PC/104 bus
Processor
AMD SC520
Memory
8 Mbytes SDRAM
Interruption
Hardware Plug&Play
2, 3, 4, 5, 6, 7, 10, 11, 12, 14, 15
DPRAM Address
Hardware Plug&Play
(8 Kbytes used per card)
From C8000 to DE000
(8 Kbytes used per card)
Dimensions (L x W)
168mm x 107mm (6.61" x 4.21")
95mm x 90mm (3.74" x 3.54")
Consumption
6W (max. 1.2A)
5W (max. 0.8A)
Operating
Temperature
0ºC (32ºF) up to +65° C (149ºF)
0ºC (32ºF) up to +65° C (149ºF)
Storage
Temperature
-40ºC (-40ºF) up to +80ºC (176ºF)
-40ºC (-40º F) up to +85ºC (185º F)
Discrete Input
Opto-coupled discrete input
Voltage -> DC +10 to +30 or AC 24 V (50 to 60 Hz)
Discrete Output
"WatchDog" output contact free from potential (floating)
(24V DC, 0.25 A)
EMC Compliance
EN55022 Class B, EN61000-6-2, EN61000-3-2, EN61000-3-3
RoHS Compliance
Yes
1 CANopen port
Connector type
CANopen Standard,
9-pin Sub-D male
(gender changer Sub-D Male/
Male supplied)
HE13 (2 x 5 pins)
CAN Controller
Phillips SJA 1000
CAN Transceiver
Phillips 82C251
Speed
1, 10, 20, 50, 100, 125, 250, 500, 800, 1000 Kbps
LED indicators
1 Status LED / 1 transmission LED
Port for remote configuration and diagnostic
Port Type
Ethernet port
Asynchronous Serial port
Connector type
BaseT - RJ45
HE13 (2 x 5 pins)
LED indicators
4 LEDs - TX/RX/Link/100 Mbps
-
Electrical interface
Ethernet IEEE 802.3
RS232
Speed
10/100 Mbps (auto-negotiation)
50 to 38400 bps
Protocol Specifications
CANopen
Specifications CIA DS 301 v4.0, DS302 v4.02
Supported profiles: DSP 401, DSP 402, DSP 403, DSP 404, DSP 406
Connect up to 127 Slave stations
Send/Rec of PDO’s (3500) and TPDO/RPDO (256/256)
PDO modes: Event driven, Sync Cyclic, Sync Acyclic, Async
Dynamic PDO mapping
Integrated data consistency
Direct access to variable types (bit, byte, word, double word)
EDS Library
Ordering Information
Part Number
Product Description
DRL-CNO-PCU
BradCommunications™ Direct-Link™ PCU-CANIO CANopen card ,
PCI-Universal bus, 3.3/5V
DRL-CNO-104
BradCommunications™ Direct-Link™ PC104-CANIO CANopen card,
PC/104 bus




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl