Electronic Components Datasheet Search |
|
5026112021 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
5026112021 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 5 page This document was generated on 04/19/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 5026112021 Status: Active Description: 0.50mm (.020") Pitch Easy-On™ Type FPC Connector, Right Angle, SMT, Bottom Contact, 3.90mm (.154") Mated Height, 20 Circuits, with Dust Cover, Lead-free Documents: 3D Model Product Specification PS-502611-002 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family FFC/FPC Connectors Series 502611 Product Name Easy-On™ Physical Circuits (Loaded) 20 Contact Position Bottom Durability (mating cycles max) 20 Entry Angle 90° Angle Mated Height (in) 0.154 In Mated Height (mm) 3.90 mm Material - Metal Copper Alloy Material - Plating Mating Gold Number of Rows 1 Orientation Right Angle PCB Retention Yes Packaging Type Embossed Tape on Reel Pitch - Mating Interface (in) 0.020 In Pitch - Mating Interface (mm) 0.50 mm Polarized to PCB Yes Stackable No Temperature Range - Operating -10C TO +100C Termination Interface: Style Surface Mount Wire/Cable Type FPC only Electrical Current - Maximum per Contact 0.3A Voltage - Maximum 100V Material Info Reference - Drawing Numbers Product Specification PS-502611-002, RPS-502611-003 Sales Drawing SD-502611-003, SD-502611-004 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 502611Series This document was generated on 04/19/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Similar Part No. - 5026112021 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |