Selected language     English  ▼


E-112000-5026 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part No. E-112000-5026
Description  applicom PCIE2000ETH Ethernet TCP/IP 10/100 Mbps card, PCI Express 1x bus, RoHS compliant
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

   
 3 page
background image
To contact us: www.woodhead.com
Reference Number: DW2008256
Date Published: January 2009
North America: US: + 1 800 225 7724 – Canada: +1 519 725 5136
Europe:
France: +33 2 32 96 04 20 – Germany: +49 7252 94 96 0– Italy: +39 010 59 30 77 –
United: Kingdom +44 1495 356300
Asia:
Shanghai, China: +86 21-5835-9885 - Tianjin, China: +86 22-23321717
Singapore: +65 6268-6868 – Yamato, Japan: +81 46-265-2428 – Nagoya, Japan: +81 52-221-5950
Brad and applicom are registered trademarks and BradCommunications is a trademark of Molex Incorporated.
© 2009 Molex.
Hardware Specifications
Unit
PCI Express 1x, rev 1.0a
Processor
AMD SC520 - 133 MHz
Memory
16 Mbytes SDRAM
Flash Memory
4 Mbytes
Interruption
Hardware Plug&Play
DPRAM Address
Hardware Plug&Play (32 Kbytes used per board)
Digital I/O
Opto-coupled discrete input
Voltage -> DC +10 to +30 or AC 24 V (50 to 60 Hz)
"Watchdog" output dry contact (24V DC, 0.25 A)
Dimensions (L x W)
168mm x 107mm (6.61" x 4.21")
Consumption
5.5 W
Temperature
Operating: 0º C (32º F) up to +65º C (149º F)
Storage: -40º C (-40º F) up to +85º C (185º F)
EMC Compliance
EN55022 Class B, EN61000-6-2, EN61000-3-2, EN61000-3-3
RoHS Compliant
Yes
Protocols (all included in the package)
Ethernet
TCP/IP
Allen-Bradley - EtherNet/IP (ControlLogix, PLC-5 & SLC 500 Series)
Alstom - SRTP (Alspa C80-35 and C80-75)
Altus - Alnet II (AL2000 and WebGate Series)
GE Fanuc - SRTP (90-30 and 90-70 Series)
Mitsubishi - Melsec (A and Q Series)
Omron - FINS (C, CV and CS Series)
Schneider - Open Modbus TCP (TSX Premium, TSX Micro, etc)
Schneider - Uni-TE (TSX Premium, TSX Micro, etc)
Send/Receive on UDP (dev. free messaging on UDP)
Siemens - Industrial Ethernet (S5, S7 and TI-505 Series)
Development toolkit for TCP and UDP protocols in client/server
modes
Ethernet
Schneider - Ethway (TSX Premium, TSX Micro, etc)
Siemens - Industrial Ethernet ISO (S5, S7, TF and TI Series)
Profibus
Profibus-DP V0 Master Class-1 & Class-2 - All DP slaves devices
FDL for S5 Master - Siemens S5
S7 / MPI Master - Siemens S7-300, S7-400
Send/Rec on FDL - Develop your free messaging on Profibus-FDL
Serial
3964/3964R, AS511, DataLink, DF1, Modbus, PPI/PPI+, Saïa-BUS,
SNP-X, SucomA, Sysmac-Way, TI-Direct, Uni-Telway, and development
toolkit for Serial protocols.
Ordering Information
Part Number
SAP
Product description
APP-ETH-PCIE
1120005026
applicom
® PCIE2000ETH Ethernet TCP/IP 10/100
Mbps card, PCI Express 1x bus, RoHS compliant
APP-EPB-PCIE
1120005028
applicom
® PCIE2000ETH Combo Ethernet 10/100
Mbps + Profibus 1.5 MB card, PCI Express 1x bus,
RoHS compliant
APP-ESR-PCIE
1120005027
applicom
® PCIE2000ETH Combo Ethernet 10/100
Mbps + Serial RS485/422 card, PCI Express 1x bus,
RoHS compliant
Other related products: IP67/IP20 Ethernet switches, Software solution based on standard
Ethernet card, Ethernet I/O for control/command, Ethernet connectivity.
Communication Ports
1 Ethernet port
Port Type
1 Ethernet port - IEEE 802.3 for
industrial and office (NDIS
driver for XP/2000/NT)
Connector
10/100baseT (RJ45)
LED
Indicators
4 LEDs
- TX, RX, Link, 100 Mbps
Speed
10/100 Mbps (Auto-negotiation)
+
1 Profibus port
Port Type
1 Profibus port (EN 50 170)
Connector
D-Sub, 9 pin, female
LED
Indicators
2 LEDs - TX / RX
Electrical
Interface
RS485 with galvanic insulation
(500 V)
Speed
9.6 Kbps to 1.5 Mbps
or
1 Serial port
Port Type
1 asynchronous serial port
Connector
D-Sub, 9 pin, male
LED
Indicators
2 LEDs - TX / RX
Electrical
Interface
RS485/RS422 with galvanic
insulation (500 V)
Speed
50 bps to 38.400 Kbps
- Network Diagnostic Tools -
applicom® PCIE2000ETH




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl