Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-104042-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-104042-001
Description  1.10mm (.043") Pitch microSD Memory Card Connector, Reverse Mount SMT, Push- Push Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-104042-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-104042-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-104042-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-104042-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1040420811
Status:
Active
Description:
1.10mm (.043") Pitch microSD Memory Card Connector, Reverse Mount SMT, Push-
Push Type, 1.78mm (.070") Height
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-104042-001 (PDF)
General
Product Family
Memory Card Sockets
Series
104042
Button Type
Push-Push
Component Type
Header & Ejector (Host)
Product Name
microSD Card
Type
N/A
Physical
Card Detection Switch
Yes
Circuits (Loaded)
8
Durability (mating cycles max)
10,000
Ejector Button Side
No Ejector Button Present
Entry Angle
90° Angle
Keying to Mating Part
Yes
Material - Metal
Phosphor Bronze, Stainless Steel
Material - Plating Mating
Gold
Material - Plating Termination
Gold
PCB Locator
No
PCB Mounting Side
Reverse
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.043 In
Pitch - Mating Interface (mm)
1.10 mm
Pitch - Term. Interface (in)
0.035 In
Pitch - Term. Interface (mm)
0.90 mm
Ports
1
Temperature Range - Operating
-25°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.5A
Shielded
Yes
Voltage - Maximum
10V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-104042-001
Product Specification
PS-104042-001
Sales Drawing
SD-104042-001
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
104042Series
Use With
microSD Card
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-104042-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-104046-001 MOLEX11-SD-104046-001 Datasheet
211Kb / 4P
   2.00mm (.079") Pitch Wire-to-Board Header, Surface Mount, Single Row, Right Angle, 4 Circuits
SD-104046-002 MOLEX11-SD-104046-002 Datasheet
211Kb / 4P
   2.00mm (.079") Pitch Wire-to-Board Header, Surface Mount, Single Row, Right Angle, 4 Circuits
SD-104047-001 MOLEX11-SD-104047-001 Datasheet
99Kb / 2P
   2.00mm (.079") Pitch Wire-to-Board Crimp Housing, Single Row, 4 Circuits
SD-104048-001 MOLEX11-SD-104048-001 Datasheet
92Kb / 2P
   6.20mm (.244") Pitch Dual TPA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com