Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA-95115-F Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SDA-95115-F
Description  Round Cable Boot for Shielded Plug, Blue
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SDA-95115-F Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SDA-95115-F Datasheet HTML 1Page - Molex Electronics Ltd. SDA-95115-F Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5031591100
Status:
Active
Description:
1.50mm (.059") Pitch CLIK-Mate™ Wire-to-Board PCB Receptacle, Single Row,
Through Hole, Vertical, with Peg, 11 Circuits
Documents:
3D Model
Product Specification PS-503159-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Receptacles
Series
503159
Application
Wire-to-Board
Product Name
CLIK-Mate™
Physical
Circuits (Loaded)
11
Color - Resin
Beige
Durability (mating cycles max)
30
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Number of Rows
1
Orientation
Vertical
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.059 In
Pitch - Mating Interface (mm)
1.50 mm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Stackable
No
Temperature Range - Operating
-25°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2A
Voltage - Maximum
100V
Material Info
Reference - Drawing Numbers
Product Specification
PS-503159-001, RPS-503159-001, RPS-503159-003
Sales Drawing
SD-503159-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
503159Series
Mates With
502578 Crimp Housing . 502579 Crimp
Terminal
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SDA-95115-F

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SDA-95115-F MOLEX11-SDA-95115-F Datasheet
110Kb / 2P
   Round Cable Boot for Shielded Plug, Gray
SDA-95115-F MOLEX11-SDA-95115-F Datasheet
110Kb / 2P
   Round Cable Boot for Shielded Plug, Black
SDA-95115-F MOLEX11-SDA-95115-F Datasheet
110Kb / 2P
   Round Cable Boot for Shielded Plug, Red
SDA-95115-F MOLEX11-SDA-95115-F Datasheet
110Kb / 2P
   Round Cable Boot for Shielded Plug, Blue
More results

Similar Description - SDA-95115-F

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0951152886 MOLEX11-0951152886 Datasheet
110Kb / 2P
   Round Cable Boot for Shielded Plug, Blue
0951151881 MOLEX11-0951151881 Datasheet
110Kb / 2P
   Round Cable Boot for Shielded Plug, Black
0951152881 MOLEX11-0951152881 Datasheet
110Kb / 2P
   Round Cable Boot for Shielded Plug, Black
0951152884 MOLEX11-0951152884 Datasheet
110Kb / 2P
   Round Cable Boot for Shielded Plug, Red
0951151882 MOLEX11-0951151882 Datasheet
110Kb / 2P
   Round Cable Boot for Shielded Plug, Gray
0951154886 MOLEX11-0951154886 Datasheet
102Kb / 2P
   Round Cable Boot with Latch Protection for Modular Plug, Blue
0951154883 MOLEX11-0951154883 Datasheet
102Kb / 2P
   Round Cable Boot with Latch Protection for Modular Plug, Green
0951154887 MOLEX11-0951154887 Datasheet
102Kb / 2P
   Round Cable Boot with Latch Protection for Modular Plug, Orange
0951154882 MOLEX11-0951154882 Datasheet
102Kb / 2P
   Round Cable Boot with Latch Protection for Modular Plug, Gray
0951154881 MOLEX11-0951154881 Datasheet
102Kb / 2P
   Round Cable Boot with Latch Protection for Modular Plug, Black
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com