Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5009891000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5009891000
Description  3.30mm (.130") Pitch Crimp Terminal, Female, 22-26 AWG, Reel
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

5009891000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5009891000 Datasheet HTML 1Page - Molex Electronics Ltd. 5009891000 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5009891000
Status:
Active
Description:
3.30mm (.130") Pitch Crimp Terminal, Female, 22-26 AWG, Reel
Documents:
Drawing (PDF)
Product Specification PS-51347-002 (PDF)
Product Specification PS-51284-003 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
500989
Crimp Quality Equipment
Yes
Product Name
N/A
Physical
Gender
Female
Material - Metal
Copper Alloy
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.25-1.70mm (.049-.067")
Wire Size AWG
22, 24, 26
Wire Size mm²
N/A
Material Info
Reference - Drawing Numbers
Product Specification
PS-51284-003, PS-51347-002, RPS-501328-002,
RPS-51284-012, RPS-51284-013
Sales Drawing
SD-500989-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
500989Series
Mates With
501329 Crimp Housing . 56279 Crimp
Terminal
Use With
501328 Inertia Lock Crimp Housing . 51284
Crimp Housing . 51347 Crimp Housing
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 5009891000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
50098-8000 MOLEX6-50098-8000 Datasheet
84Kb / 3P
   4.00mm (.157") Pitch Board-In Crimp Terminal 50098, 18-22 AWG, Reel, for 51036 Housing
50098-8100 MOLEX6-50098-8100 Datasheet
83Kb / 2P
   4.00mm (.157") Pitch Board-In Crimp Terminal, Male, 50098 Series, 18-22 AWG, Bag, for 51036 Housing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com