Selected language     English  ▼


E-112000-0001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part No. E-112000-0001
Description  applicom PCU2000ETH Ethernet TCP/IP 10/100 Mbps card, PCI 3.3/ 5V bus, RoHS compliant
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

   
 2 page
background image
applicom® Ethernet PCU2000ETH
Best choice for SCADA/HMI applications
Overview
applicom
® is a range of intelligent communication solutions, complete and ready to use
covering more than 40 protocols among a wide choice of industrial networks and fieldbuses:
Ethernet TCP/IP, Profibus, Modbus Plus, Data Highway Plus, WorldFIP and Serial Links.
These solutions connect your PC-based applications (HMI, SCADA, MES, custom
applications) to industrial equipment (programmable controller, I/O modules, devices...).
Thanks to applicom
® smart built-in processor technology - each interface card is able to
execute all management and the processing (polling, frame management, etc.) of
communications protocols, resulting in extremely fast, efficient application performance.
The applicom
® software package includes:
Graphical configuration software.
Test and network diagnostic tools.
Data servers
OPC DA v1.0a, v2.05 and v3.0 (including an OPC client with its source code)
Wonderware I/O Server (DAServer, DDE, FastDDE, SuiteLink)
Development libraries
DLL Library
MS Visual Studio (.NET/C#/VB/C++/C), Borland Delphi
National Instruments (LabWindows CVI, LabVIEW/VI)
- Configuration Software -
- OPC Server -
Connect your applications to industrial networks through
Ethernet messaging.
Features
RoHS compliant
All protocols included in the
package
Free full technical support during
2 years of hardware warranty
On-board processor eliminates data
bottle necks, ensuring delivery of
time critical information
Certified with over 50 major
SCADA/HMI packages
Fast Ethernet 10/100, RJ-45 Port
COMBO Offer =
Ethernet + Profibus 1.5Mbps
or
Ethernet + Serial 38.4Kbps
Simultaneously run all TCP/IP
protocols in Client/Server modes
Redundancy feature via OPC Server
Win32 NDIS driver (using applicom®
interface as a standard Ethernet
card)
Onboard internal data base
(32 Kwords + 32 Kbits)
Supported OS
Standard package
Windows 32-bit (Vista / XP / 2003
Server)
Free Download
Windows XP Embedded, VenturCom
RTX, VxWorks, QNX, Linux, DOS
Compatible with
Altus
GE Fanuc
Mitsubishi Electric Automation
Omron
Rockwell Automation
Schneider Electric
Siemens
applicom
®
Universal PCI 3.3V / 5V Card
20 Aug. 09
DW2005101




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl