Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0906634403 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0906634403
Description  2.54mm (.100") Pitch QF-50?줣ight Angle, MIL Keying with Latch/Eject Levers, Shrouded Header
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0906634403 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0906634403 Datasheet HTML 1Page - Molex Electronics Ltd. 0906634403 Datasheet HTML 2Page - Molex Electronics Ltd. 0906634403 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
250V AC/DC
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Reference - Drawing Numbers
Product Specification
PS-99020-0015
Sales Drawing
SDA-90663E
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0906634403

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0906634103 MOLEX11-0906634103 Datasheet
145Kb / 3P
   2.54mm (.100") Pitch QF-50 Right Angle, MIL Keying with Latch/Eject Levers,Shrouded Header, 10 Circuits
0906634163 MOLEX11-0906634163 Datasheet
145Kb / 3P
   2.54mm (.100") Pitch QF-50 Right Angle, MIL Keying with Latch/Eject Levers, Shrouded Header, 16 Circuits
0906634503 MOLEX11-0906634503 Datasheet
145Kb / 3P
   2.54mm (.100") Pitch QF-50 Right Angle, MIL Keying with Latch/Eject Levers, Shrouded Header
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com