Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-91714-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-91714-001
Description  1.27mm (.050") Pitch Picoflex PF-50 Header, Right Angle, High Temp, Tin (Sn) Plating
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-91714-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-91714-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-91714-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-91714-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0917140012
Status:
Active
Description:
1.27mm (.050") Pitch Picoflex® PF-50 Header, Right Angle, High Temp, Tin (Sn)
Plating, 12 Circuits, Glow Wire Compatible
Documents:
3D Model
Product Specification PS-99020-0011 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Ribbon Cable / Wire Trap Connectors
Series
91714
Component Type
PCB Header
Glow-Wire Compliant
Yes
Product Name
Picoflex®
Physical
Circuits (Loaded)
12
Circuits (maximum)
12
Color - Resin
Natural
Durability (mating cycles max)
30
Entry Angle
90° Angle
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
120
Plating min: Mating (µm)
3
Plating min: Termination (µin)
120
Plating min: Termination (µm)
3
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Open Ends
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole - Kinked Pin
Wire Insulation Diameter
N/A
Wire Size AWG
N/A
Wire/Cable Type
Ribbon Cable
Electrical
Current - Maximum per Contact
2.4A
Voltage - Maximum
250V AC/DC
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
91714Series
Mates With
90327 IDT Connector


Similar Part No. - SD-91714-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-91714-001 MOLEX11-SD-91714-001 Datasheet
120Kb / 3P
   1.27mm (.050") Pitch Picoflex PF-50 Header, Right Angle, High Temp, Tin (Sn) Plating
SD-91714-001 MOLEX11-SD-91714-001 Datasheet
120Kb / 3P
   1.27mm (.050") Pitch Picoflex PF-50 Header, Right Angle, High Temp, Gold (Au) Plating
SD-91714-001 MOLEX11-SD-91714-001 Datasheet
120Kb / 3P
   1.27mm (.050") Pitch Picoflex PF-50 Header, Right Angle, High Temp, Tin (Sn) Plating, 8 Circuits
SD-91714-001 MOLEX11-SD-91714-001 Datasheet
120Kb / 3P
   1.27mm (.050") Pitch Picoflex PF-50 Header, Right Angle, High Temp, Tin (Sn) Plating
SD-91714-001 MOLEX11-SD-91714-001 Datasheet
120Kb / 3P
   1.27mm (.050") Pitch Picoflex PF-50 Header, Right Angle, High Temp, Gold (Au) Plating
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com