Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

94556-9003 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 94556-9003
Description  2.54mm (.100") Pitch MOX Plug, Single Row, with Secondary Lock, 3 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

94556-9003 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  94556-9003 Datasheet HTML 1Page - Molex Electronics Ltd. 94556-9003 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0945569003
Status:
Active
Overview:
mox_crimp_terminals
Description:
2.54mm (.100") Pitch MOX Plug, Single Row, with Secondary Lock, 3 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-94556-001 (PDF)
General
Product Family
Crimp Housings
Series
94556
Overview
mox_crimp_terminals
Product Name
MOX
Physical
Circuits (maximum)
3
Color - Resin
Natural
Gender
Male
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
6A
Material Info
Reference - Drawing Numbers
Product Specification
PS-94556-001, RPS-94556-001
Sales Drawing
SD-94556-001
Test Summary
TS-94556-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
94556Series
Mates With
98814-1011
Use With
MOX terminals
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 94556-9003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
94556-9003 MOLEX11-94556-9003 Datasheet
38Kb / 1P
   2.54mm Pitch MOX Plug, Single Row, with Secondary Lock, 3 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com