Selected language     English  â–¼


E-112005-0016 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. E-112005-0016
Description  DeviceNet card, PC/104, 1 channel
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

   
 1 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1120050016
Status:
Active
Description:
DeviceNet card, PC/104, 1 channel
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Network Interface
Series
112005
Approvals
N/A
Communication Speed
1K to 500K bps
Mounting Style
N/A
Product Name
SSTâ„¢
Protocol
DeviceNet* Master/Slave
Type
Serial Card
Physical
Channels
1
Interface
CANopen*
Network Connection Type
CANopen* Connector (5 pin)
Packaging Type
Carton
Processor
66 Mhz ColdFIRE per Channel
Temperature Range - Operating
0°C to +55°C
Electrical
EMC
N/A
Supply Voltage
5.2W
Material Info
Old Part Number
SST-DN3-104-1 (E)
Reference - Drawing Numbers
Sales Drawing
E-112005-0016
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
112005Series
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl