Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-94509-008 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # SD-94509-008
Description  FORK TERM FOR 0.75 TO 1.0 mm짼 wire, (20-22AWG), Tab Size: 2.10mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-94509-008 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SD-94509-008 Datasheet HTML 1Page - Molex Electronics Ltd. SD-94509-008 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - SD-94509-008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-94509-008 MOLEX11-SD-94509-008 Datasheet
87Kb / 2P
   FORK TERM FOR 0.35 TO 0.50 mm짼 wire, (20-22AWG), Tab Size: 2.10mm
More results

Similar Description - SD-94509-008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0945091103 MOLEX11-0945091103 Datasheet
87Kb / 2P
   FORK TERM FOR 0.35 TO 0.50 mm짼 wire, (20-22AWG), Tab Size: 2.10mm
0945090203 MOLEX11-0945090203 Datasheet
91Kb / 2P
   FORK TERM FOR 0.75 TO 1.00 mm짼 wire, (20-22AWG), Tab Size: 0.8mm
0945090103 MOLEX11-0945090103 Datasheet
91Kb / 2P
   FORK TERM FOR 0.35 TO 0.50 mm짼 wire, (20-22AWG), Tab Size: 0.8mm
0945100203 MOLEX11-0945100203 Datasheet
93Kb / 2P
   Fork Terminal for 0.75-1.00mm짼 (18 AWG) wire
0945101203 MOLEX11-0945101203 Datasheet
81Kb / 2P
   Fork Terminal for 0.75-1.00mm짼 (18 AWG) wire
logo
Weidmuller
0462900000 WEIDMULLER-0462900000 Datasheet
55Kb / 2P
   Wire-end ferrule, 0.75 mm짼, 8 mm, Colour code: Wire-end ferrule, 0.75 mm짼, 8 mm, Colour code:
logo
CnC Tech, LLC
54025-2022 CNC-54025-2022 Datasheet
98Kb / 1P
   Wire To Board Housing Terminal, 2.5mm, 20-22AWG, Front Lock
17-nov-2020
logo
PHOENIX CONTACT
CF-3000-LOC-1 PHOENIX-CF-3000-LOC-1 Datasheet
48Kb / 2P
   Sleeve receiver for 1.0 mm짼 sleeves
logo
Molex Electronics Ltd.
0945101103 MOLEX11-0945101103 Datasheet
81Kb / 2P
   Fork Terminal for 0.35-0.50mm짼 (20-22 AWG) wire
0945100103 MOLEX11-0945100103 Datasheet
93Kb / 2P
   Fork Terminal for 0.35-0.50mm짼 (20-22 AWG) wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com