Selected language     English  ▼


E-112021-0014 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part No. E-112021-0014
Description  BradCommunications Direct-Link PCU-CANIO CANopen card , PCI-Universal bus 3.3/5V
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

   
 2 page
background image
Overview
BradCommunications™ Direct-Link™ is a low range of automation components
for industrial communication. It includes a variety of products such as diagnostic
tools, intelligent connectors, tunneling gateways, fieldbuses network interface
cards, and software drivers for industrial networks.
Simple as they are affordable, BradCommunications™ Direct-Link™ products
allow you to acquire the equipment to develop your architectures and industrial
applications at a lower cost.
Direct-Link™ products are characterized by their simple use and fast
implementation; they are modular and scalable. Moreover, they are designed to
be easily embedded into computerized systems and are available in a wide
selection of form factors.
Powerful Network Interface card
Particularly, the BradCommunications™ Direct-Link™ CANopen interface
cards are equipped with 1 CANopen port handling CANopen protocol in Master
mode up to 1Mbps.
A smart A.D.M (Automatic Dual port ram Mapping) mechanism avoids the I/O
tags configuration in the Dual Port RAM of the card. More than a simple I/O
acquisition card, the Direct-Link™ PCU-CANIO/PC104-CANIO interfaces provide
the applications with additional information such as: device status and
diagnostics, process data read/write monitoring, communication tools for
troubleshooting, hardware and software Watchdog, etc..
The communication layers are completely embedded on the cards, allowing easy
and fast communication with field devices resulting in remarkable application
performance.
Product package includes:
Graphical console for configuration and diagnostic tools
Data servers (Multi-protocol OPC DA 3.0 & 2.05, ActiveX, DAServer,
FastDDE/SuiteLink)
I/O libraries for Windows (DLL) and Ardence's hard real time extensions
(RTX)
Static library for non-windows OS
Drivers for soft-logic packages
Direct-Link™ CANopen
Data acquisition for real time Control applications
BradCommunications™ Direct-LinkCANopen network
interface cards allow deterministic I/O data acquisition
for PC-based control applications.
Features
Automatic devices detection on
the network
Connect PC-Based Control
applications directly to I/O
devices
Protocol: CANopen Master/
Scanner
1 Serial or Ethernet port for
remote configuration
and diagnostic
Embedded Communication on the
card for powerful data
throughput
Automatic I/O mapping for easy
configuration
OS supported
Standard package
Windows 32-bit (XP SP1/ 2000 SP4 /
NT SP6, 2003 Server), Ardence RTX
Free Download
Windows XP Embedded, QNX,
VxWorks, Linux, Phar Lap ETS, DOS
PCI-Universal
PC/104




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl