Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1051271000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1051271000
Description  Combo External Serial ATA and USB Receptacles, Right Angle, Through hole, Bottom mount, Sink type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1051271000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1051271000 Datasheet HTML 1Page - Molex Electronics Ltd. 1051271000 Datasheet HTML 2Page - Molex Electronics Ltd. 1051271000 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1051271000
Status:
Active
Overview:
esatausb_combo_receptacles
Description:
Combo External Serial ATA and USB Receptacles, Right Angle, Through hole, Bottom
mount, Sink type, with Stand-off, Lead free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-47403-001 (PDF)
General
Product Family
I/O Connectors
Series
105127
Application
Wire-to-Board
Comments
With Stand-off, reverse mounted on recessed PCB .
Durability: 1,500 cycles for USB; 2,500 cycles for
eSATA
Component Type
Receptacle
Overview
esatausb_combo_receptacles
Product Name
eSATA/USB Combo, External Serial ATA, USB
Type
N/A
Physical
Circuits (Loaded)
4, 7
Circuits Detail
eSATA: 7 circuits; USB: 4 circuits
Color - Resin
Black
Durability (mating cycles max)
1,500
Gender
Male
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.047 In
PCB Thickness Recommended (mm)
1.20 mm
Packaging Type
Embossed Tape on Reel
Panel Mount
Yes
Pitch - Mating Interface (in)
0.050 In, 0.079 In, 0.098 In
Pitch - Mating Interface (mm)
1.27 mm, 2.00 mm, 2.50 mm
Pitch - Term. Interface (in)
0.050 In, 0.079 In, 0.098 In
Pitch - Term. Interface (mm)
1.27 mm, 2.00 mm, 2.50 mm
Plating min: Mating (µin)
2
Plating min: Mating (µm)
0.05
Plating min: Termination (µin)
80
Plating min: Termination (µm)
2
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Temperature Range - Operating
-35°C to +85°C
Termination Interface: Style
Through Hole
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
105127Series
Mates With
External Serial ATA Cable Assembly or USB
Type A Cable Assembly


Similar Part No. - 1051271000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1051271001 MOLEX11-1051271001 Datasheet
163Kb / 3P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through hole, Bottom mount
1051271002 MOLEX11-1051271002 Datasheet
163Kb / 3P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through hole, Bottom mount
More results

Similar Description - 1051271000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1051271002 MOLEX11-1051271002 Datasheet
163Kb / 3P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through hole, Bottom mount
1051271001 MOLEX11-1051271001 Datasheet
163Kb / 3P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through hole, Bottom mount
1051321002 MOLEX11-1051321002 Datasheet
150Kb / 3P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through hole, Top Mount, Sink type
1051312002 MOLEX11-1051312002 Datasheet
202Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole type
1051301002 MOLEX11-1051301002 Datasheet
218Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole type
1051321000 MOLEX11-1051321000 Datasheet
150Kb / 3P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through hole, Top Mount, Sink type, Lead free
1051312001 MOLEX11-1051312001 Datasheet
202Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole
1051301001 MOLEX11-1051301001 Datasheet
218Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole
0474036001 MOLEX6-0474036001 Datasheet
220Kb / 4P
   Combo External Serial ATA and USB Receptacles, Reverse Type, Through Hole, Right Angle, with Through
1051311000 MOLEX11-1051311000 Datasheet
202Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Hole, with SMT type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com