Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

90814-0826 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 90814-0826
Description  1.27mm (.050") Pitch Picoflex PF-50 SMT Header, Vertical, Low Profile, Surface Mount, Tin, 26 Circuits, Glow
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

90814-0826 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  90814-0826 Datasheet HTML 1Page - Molex Electronics Ltd. 90814-0826 Datasheet HTML 2Page - Molex Electronics Ltd. 90814-0826 Datasheet HTML 3Page - Molex Electronics Ltd. 90814-0826 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
2.4A
Voltage - Maximum
250V AC/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-90814-001
Product Specification
PS-99020-0011
Sales Drawing
SDA-90814
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 90814-0826

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90814-0826 MOLEX11-90814-0826 Datasheet
220Kb / 2P
   PICOFLEX SMT HEADER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com