Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0945447008 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0945447008
Description  Housing Dual Row, with Lock 8 circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0945447008 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0945447008 Datasheet HTML 1Page - Molex Electronics Ltd. 0945447008 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0945447008
Status:
Active
Description:
Housing Dual Row, with Lock 8 circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-94518-006 (PDF)
General
Product Family
Crimp Housings
Series
94544
Product Name
N/A
Physical
Breakaway
No
Circuits (maximum)
8
Color - Resin
Natural (White)
Gender
Female
Glow-Wire Compliant
No
Material - Resin
Nylon
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.197 In
Pitch - Mating Interface (mm)
5.00 mm
Pitch - Term. Interface (in)
0.197 In
Pitch - Term. Interface (mm)
5.00 mm
Polarized to Mating Part
Yes
Ports
1
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-94518-006
Sales Drawing
SD-94544-001
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
94544Series
This document was generated on 03/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0945447008

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09454001520 HARTING-09454001520 Datasheet
468Kb / 2P
   Han-Modular RJ45 GL Cat6A plug 8p
09454001560 HARTING-09454001560 Datasheet
466Kb / 2P
   Han-Modular RJ45 10G Cat6 plug 8p IDC
logo
Molex Electronics Ltd.
0945404008 MOLEX11-0945404008 Datasheet
107Kb / 2P
   5.00mm (.197") Pitch, Wire-to-Wire, Wire-to-Tab, Receptacle, 8 Circuits
0945407004 MOLEX11-0945407004 Datasheet
119Kb / 2P
   5.00mm (.197") Pitch, Wire-to-Wire, Wire-to-Tab, Receptacle, Natural, 4 Circuits
0945407008 MOLEX11-0945407008 Datasheet
105Kb / 2P
   5.00mm (.197") Pitch, Wire-to-Wire, Wire-to-Tab, Receptacle, Natural, 8 Circuits
More results

Similar Description - 0945447008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1501792080 MOLEX1-1501792080 Datasheet
47Kb / 1P
   EconoLatch Receptacle Housing, Dual Row, 8 Circuits
51284-0800 MOLEX11-51284-0800 Datasheet
42Kb / 1P
   3.30mm Pitch Wire-to-Board Receptacle Housing, Positive Lock, Dual Row, 8 circuits,
2045230801 MOLEX-2045230801 Datasheet
38Kb / 1P
   1.25mm Pitch, Micro-Lock Plus Receptacle Crimp Housing, Low-Halogen, Dual Row, Positive Lock, 8 Circuits, Black
11/30/2022
1501772080 MOLEX1-1501772080 Datasheet
49Kb / 1P
   EconoLatch Plug Housing, Dual Row, with Panel Mount Latch, 8 Circuits
0513460800 MOLEX7-0513460800 Datasheet
255Kb / 3P
   3.30mm (.130") Pitch Wire-to-Wire Plug Housing, Positive Lock, Dual Row, 8 Circuits
503149-0800 MOLEX11-503149-0800 Datasheet
40Kb / 1P
   1.50mm Pitch CLIK-Mate??Wire-to-Board Housing, Dual Row, Positive Lock, 8 Circuits
0513470800 MOLEX7-0513470800 Datasheet
231Kb / 3P
   3.30mm (.130") Pitch Wire-to-Wire Receptacle Housing, Positive Lock, Dual Row, 8 Circuits
2045320801 MOLEX-2045320801 Datasheet
41Kb / 2P
   Micro-Lock Plus Receptacle Housing, 1.25mm Pitch, Single Row, with Positive Lock, 8 Circuits, Low-Halogen, Black
01/09/2023
5054321201 MOLEX1-5054321201 Datasheet
38Kb / 1P
   Micro-Lock PLUS Receptacle Housing, 1.25mm Pitch, Dual Row, with Positive Lock
5054321001 MOLEX1-5054321001 Datasheet
38Kb / 1P
   Micro-Lock PLUS Receptacle Housing, 1.25mm Pitch, Dual Row, with Positive Lock
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com