Selected language     English  ▼


E-112016-0019 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part No. E-112016-0019
Description  BradCommunications SST PROFIBUS Scanner for Allen-Bradley ControlLogix, includes Remote Link
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

   
 3 page
background image
To contact us: www.woodhead.com
North America: US: + 1 800 225 7724 – Canada: +1 519 725 5136
Europe:
France: +33 2 32 96 04 20 – Germany: +49 7252 94 96 0– Italy: +39 010 59 30 77 –
United: Kingdom +44 1495 356300
Asia:
Shanghai, China: +86 21-5835-9885 - Tianjin, China: +86 22-23321717
Singapore: +65 6268-6868 – Yamato, Japan: +81 46-265-2428 – Nagoya, Japan: +81 52-221-5950
BradCommunications and SST are trademarks of Molex Incorporated.
© 2008 Molex
Network Specifications
Protocol
PROFIBUS DP-V0 Master, class 1&2
PROFIBUS DP-V1 Master, class 1&2
PROFIBUS DP-V0 Slave (up to 122 words of input
data and 122 words of output data as slave)
LAN Controller
Siemens ASPC2
Slaves Supported
Maximum of 125
I/O per Slave
Maximum of 244 bytes in/out
I/O Mapping
(for ControlLogix)
Maximum 1984 bytes input data
Maximum 1968 bytes output data
250 words status
Data Rate
All Profibus data rates up to 12 Mbps
Cable
Belden 3079A
Brad Harrison
® 85-0001
PVR2 conductor with shield, UL-listed
Connector
DB9 female connector
Hardware Specifications
Bus Interface
Allen-Bradley
® ControlLogix® 5000
Processor
Freescale MCF5272
Memory
8MB of local MCF5272 RAM
512 KB of onboard shared memory
512 KB of sectored flash memory for storage of
program and configuration data
Diagnostics
Built-in 4 character display
3 LEDs indicate:
1. Health of the Profibus network (COMM)
2. Communication status with Profibus slaves (SYS)
3. that initialization is complete and the module is ok (OK)
Backplane
Current Consumption
850 mA @ 5V or 1.75 mA @ 24V
Operating Temperature
0ºC (32ºF) up to +60ºC (140ºF)
Storage Temperature
-40ºC (-40F) up to +85ºC (185F)
RoHS Compliant
Yes
MTBF
81.2 years
Ordering Information
Part Number
SAP
Description
SST-PB3-CLX-RLL 1120160018
BradCommunications™ SST™ PROFIBUS Scanner
for Allen-Bradley ControlLogix, includes Remote Link
Library
SST-PB3-CLX-DTM 1120160019
BradCommunications™ SST™ PROFIBUS Scanner
for Allen-Bradley ControlLogix, includes Remote Link
Library and CommDTM driver license
SST-PB3-CLX-DTS 1120160020
BradCommunications™ SST™ CommDTM update
driver license for PROFIBUS Scanner
Diagnostic & Software Tools
Configuration Software
Supports downloading and
uploading configuration files
through Serial or Ethernet port
Browse your DP network for slave
devices you want to include in your
DP Master configuration using the
DPView component
Scanner Software
Maintains slave status, diagnostic
status information on all slaves,
network diagnostic counters, and
DP Master diagnostic counters
Maintains network and I/O module
status information including:
Active Slave Station Bit table
Configured Slave Station Bit
table
Network diagnostic counters
DP Master diagnostic counters
Diagnostic
Built-in 4 character display
COMM, SYS and OK LEDs provide
immediate notification of network
and system errors
Other PROFIBUS® Products
PROFIBUS modules for
Allen-Bradley® SLC500
PROFIBUS USB Adapter supporting
CommDTM / FDT Version 1.2
PROFIBUS network interface cards
(PCIe, PCI, C-PCI, PC/104, ISA,
VME) inclusive DLL, OPC, ActiveX…
Full metal PROFIBUS connector
IDC-technique provides quick
and error-free connection
Optional diagnostic LED
reduces downtime
PROFIBUS® DP Scanner




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl