Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1200661273 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 1200661273
Description  Micro-Change (M12) 4 Pole, Female (90째) to Male (Straight) Cordset, 4-22 AWG PVC Cable, 5.0M (16.40 )
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1200661273 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  1200661273 Datasheet HTML 1Page - Molex Electronics Ltd. 1200661273 Datasheet HTML 2Page - Molex Electronics Ltd. 1200661273 Datasheet HTML 3Page - Molex Electronics Ltd. 1200661273 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A
7
8
9
10
6
5
3
4
2
1
B
C
D
E
F
A
B
C
D
E
F
7
8
9
6
5
3
4
2
10
1
MOLEX INCORPORATED
SIZE
SCALE
DESIGN UNITS
DIMENSION STYLE
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SHEET NO.
DOCUMENT NO.
MATERIAL NO.
molex
APPROVED BY
CHECKED BY
DRAWN BY
C =
=
GENERAL TOLERANCES
(UNLESS SPECIFIED)
mm
INCH
4 PLACES
3 PLACES
2 PLACES
1 PLACE
±
±
±
±
±
±
±
ANGULAR ±
°
±
QUALITY
SYMBOLS
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
A3
MICRO-CHANGE CORDSET
3/4/5 P. FE 90 / MA STR
22/3-5 YELLOW PVC CABLE
METRIC
2:1
IN/MM
SD-120066-013
LSTEMMLE
RE
NSTAUDIG
DATE
DATE
DATE
2010/01/25
2010/01/26
2010/01/29
---
.01
---
---
0.3
---
---
---
---
1
THIRD ANGLE
PROJECTION
0
0
1 OF 1
SEE TABLE SHEET 2


Similar Part No. - 1200661273

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200661273 MOLEX-1200661273_V01 Datasheet
51Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (90째) to Male
More results

Similar Description - 1200661273

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200661265 MOLEX11-1200661265 Datasheet
163Kb / 4P
   Micro-Change짰 (M12) 4 Pole, Female (90째) to Male (Straight) Cordset, 4-22 AWG PVC Cable
1200660284 MOLEX-1200660284 Datasheet
50Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Female (Straight), 22 AWG, Yellow PVC Cable, 5.0m (16.40) Length
02/01/2023
1300480090 MOLEX-1300480090 Datasheet
27Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), 24 AWG, PVC Cable, 5.0m (16.40) Length
01/31/2023
1200660692 MOLEX-1200660692 Datasheet
34Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Female (Straight), 22 AWG, Yellow TPE Cable, 5.0m (16.40) Length
01/31/2023
1300480116 MOLEX-1300480116 Datasheet
27Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), 22 AWG, PUR Cable, 5.0m (16.40) Length
02/01/2023
1200660434 MOLEX-1200660434 Datasheet
49Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 5 Poles, Male (Straight) to Female (Straight), 22 AWG, Yellow PVC Cable, 5.0m (16.40) Length
02/01/2023
1201088424 MOLEX-1201088424 Datasheet
27Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), 24 AWG, Teal PVC Cable, 5.0m (16.40) Length
02/01/2023
1300480139 MOLEX-1300480139 Datasheet
28Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (90°), 24 AWG, PVC Cable, 5.0m (16.40) Length
01/31/2023
1200808005 MOLEX-1200808005 Datasheet
27Kb / 1P
   Micro-Change (M12) to Ultra-Lock (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Female (Straight), 22 AWG, PUR Cable, 5.0m (16.40) Length
09/23/2022
1200800311 MOLEX-1200800311 Datasheet
28Kb / 2P
   Micro-Change (M12) to Ultra-Lock (M12) Double-Ended Cordset, 5 Poles, Female (Straight) to Male (Straight), 22 AWG, PVC Cable, 5.0m (16.40) Length
11/18/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com