Selected language     English  ▼


E-112008-0008 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part No. E-112008-0008
Description  eNetMeter DN diagnostic tool for DeviceNet
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

   
 3 page
background image
To contact us: www.woodhead.com
Reference Number: DW2008250
Date Published: September 2008
North America: US: + 1 800 225 7724 – Canada: +1 519 725 5136
Europe:
France: +33 2 32 96 04 20 – Germany: +49 7252 94 96 0– Italy: +39 010 59 30 77 –
United: Kingdom +44 1495 356300
Asia:
Shanghai, China: +86 21-5835-9885 - Tianjin, China: +86 22-23321717
Singapore: +65 6268-6868 – Yamato, Japan: +81 46-265-2428 – Nagoya, Japan: +81 52-221-5950
Brad and Micro-Change are registered trademarks and BradCommunications, eNetMeter and NetAlytix are trademarks of
Molex Incorporated. © 2008 Molex
Specifications
Hardware:
Diagnostic LEDs & Control
Ready, System/Boot, Power & Comm; Reset (recessed)
Operating Temperature
0 to 60°C
Storage Temperature
-5 to 75°C
Humidity
5% to 95% non-condensing
RoHS Compliant
Yes
Approvals
CE, cULus (pending)
Enclosure
IP10
Mounting
DIN rail or panel (screw) mounted
USB
USB 2.0 master, for transfer/storage of configuration parameters
Network Specifications:
Protocols
DeviceNet, EtherNet/IP for reading data
Cable
DeviceNet: compatible with target network
Ethernet: Cat 5e shielded
Connector
Ethernet : RJ45 ; DeviceNet : 5-pole M12 Micro-Change
®
Auxiliary power : screw terminal
DeviceNet Power
M12 Micro-Change 5-pole threaded connector
- 11 to 25 VDC, 250 mA (typical @ 24 VDC)
Isolation
500 V
Data Rate
DeviceNet: 125K, 250K and 500K baud; Ethernet: 10/100 M baud
Ordering Information
SAP Material
Number
Catalog
Number
Product Description
1120080008
SST-ENM-DN1
eNetMeter
DN diagnostic tool for DeviceNet
1120080011
SST-NAS-DN1
NetAlytix
software for eNetMeter DN
(includes full application, DLL/API, OPC Server)
NetAlytix Lite software is included with eNetMeter DN to allow setting of the IP address,
parameter configuration, and other basic commissioning tasks.
Software Tools
Typical Good CAN Waveform*
NetAlytix
CAN H/L Data Summary
Indicating No Problems
Typical CAN Frame Distortion with
CAN H Shorted to Floating Shield*
NetAlytix CAN H/L Data Summary Indicating
Fall-time is out of tolerance
(Yellow Warning State)
* Signal captures were obtained using a digital
storage oscilloscope on a typical DeviceNet network.
eNetMeterfor DeviceNet
Dimensions : mm [inches]




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl