Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E-112078-0001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # E-112078-0001
Description  BradCommunications SST 4 Serial ports PLC communications module for Allen- Bradley ControlLogix
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

E-112078-0001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  E-112078-0001 Datasheet HTML 1Page - Molex Electronics Ltd. E-112078-0001 Datasheet HTML 2Page - Molex Electronics Ltd. E-112078-0001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1120780001
Status:
Active
Description:
BradCommunications™ SST™ 4 Serial ports PLC communications module for Allen-
Bradley ControlLogix, includes Remote Link Library feature
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Network Interface
Series
112078
Approvals
N/A
Communication Speed
110 to 115,200 bps
Mounting Style
N/A
Product Name
SST™
Protocol
DeviceNet* Master/Slave
Type
Serial Card
Physical
Channels
4
Interface
RS232/RS422/RS485
Network Connection Type
D-Sub Female (9 pin)
Packaging Type
Carton
Processor
PowerPC 8323
Temperature Range - Operating
0°C to +60°C
Electrical
EMC
N/A
Supply Voltage
5W
Material Info
Old Part Number
SST-SR4-CLX-RLL
Reference - Drawing Numbers
Sales Drawing
E-112078-0001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
112078Series
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - E-112078-0001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
E-112073-0001 MOLEX11-E-112073-0001 Datasheet
2Mb / 3P
   BradCommunications SST 1 Ethernet and 2 Serial ports PLC communications module
More results

Similar Description - E-112078-0001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1120160019 MOLEX11-1120160019 Datasheet
1Mb / 3P
   BradCommunications SST PROFIBUS Scanner for Allen-Bradley ControlLogix, includes Remote Link
1120160018 MOLEX11-1120160018 Datasheet
1Mb / 3P
   BradCommunications SST PROFIBUS Scanner for Allen-Bradley ControlLogix, includes Remote Link Library
1120730001 MOLEX11-1120730001 Datasheet
2Mb / 3P
   BradCommunications SST 1 Ethernet and 2 Serial ports PLC communications module
logo
Intronics Power, Inc.
PLC4000 INTRONICS-PLC4000 Datasheet
439Kb / 2P
   120 Watt DC-DC Power Supply for the Allen Bradley 1771 PLC System
logo
Molex Electronics Ltd.
1120160020 MOLEX11-1120160020 Datasheet
1Mb / 3P
   BradCommunications SST CommDTM software update driver license for PROFIBUS Scanner
logo
Dallas Semiconductor
DS3900 DALLAS-DS3900 Datasheet
876Kb / 15P
   Serial Communications Module For Evaluation Kits
logo
Maxim Integrated Produc...
DS3900 MAXIM-DS3900 Datasheet
894Kb / 15P
   Serial Communications Module For Evaluation Kits
2004
logo
Prosoft-Technology
MVI56E-LDM PROSOFT-MVI56E-LDM Datasheet
562Kb / 2P
   Linux Development Module for ControlLogix
logo
Molex Electronics Ltd.
1120160023 MOLEX-1120160023 Datasheet
33Kb / 1P
   SST PB3 In Chassis Module for Rockwell Automation ControlLogix, PROFIBUS DP Master/Slave, 1 Channel, Conformal Coated
09/16/2019
logo
Prosoft-Technology
MVI56E-DNPNET PROSOFT-MVI56E-DNPNET Datasheet
248Kb / 2P
   DNP3 Ethernet Communication Module for ControlLogix
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com